Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3321 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3321
Description  REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3321 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3321 Datasheet HTML 1Page - RF Micro Devices RF3321 Datasheet HTML 2Page - RF Micro Devices RF3321 Datasheet HTML 3Page - RF Micro Devices RF3321 Datasheet HTML 4Page - RF Micro Devices RF3321 Datasheet HTML 5Page - RF Micro Devices RF3321 Datasheet HTML 6Page - RF Micro Devices RF3321 Datasheet HTML 7Page - RF Micro Devices RF3321 Datasheet HTML 8Page - RF Micro Devices RF3321 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-1
3
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHDNB
TX EN
NC
VIN
VINB
VCC1
VCC1
RAMP
GND
NC
NC
VOUT
VOUTB
SDA
CS
SCLK
Power
Control
Gain Control
and Serial Bus
RF3321
REVERSE PATH HIGH OUTPUT POWER
PROGRAMMABLE GAIN AMPLIFIER
• Euro-DOCSIS/DOCSIS Cable Modems
• CATV Set-Top Boxes
• Telephony Over Cable
•Home Networks
• Automotive/Mobile Multimedia
• Coaxial and Twisted Pair Line Driver
The RF3321 is a variable gain amplifier for use in CATV
reverse path (upstream) applications. It is designed to be
DOCSIS-compliant for use in cable modems. The gain
control covers a 56 dB range and is serially programma-
ble via three-wire digital bus for compatibility with stan-
dard baseband chipsets. Amplifier shutdown and transmit
disable modes are hardware-controlled. The device oper-
ates over the frequency band of 5MHz to 65MHz for use
in current U.S. and European systems. The amplifier
delivers up to +69dBmV at the output of the balun. Gain
is controllableinaccurate1dB steps. Thedeviceispro-
vided in a thermally enhanced, exposed die flag package.
• Differential Input and Output
• 31dB Maximum Voltage Gain
• -25dB Minimum Voltage Gain
•5MHz to 65MHz Operation
• Sophisticated Power Management
• DOCSIS 1.1 RF Compliant
RF3321
Reverse Path High Output Power Programmable
Gain Amplifier
RF3321 PCBA
Fully Assembled Evaluation Board
2
Rev A10 010516
NOTES:
1. Shaded lead is pin 1.
2. Lead coplanarity - 0.10 with
respect to datum "A".
3. Lead standoff is specified from
the lowest point on the package
underside.
8° MAX
0° MIN
0.60
+ 0.15
0.24
0.20
3.90
+ 0.10
0.25
+ 0.05
0.65
6.00
+ 0.20
4.90
+ 0.20
EXPOSED DIE
FLAG
3.302
2.286
1.40
+ 0.10
0.05
+ 0.05
Note 3
-A-
Package Style: SSOP16 EDF Slug


Similar Part No. - RF3321

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3320PCBA RFMD-RF3320PCBA Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3322 RFMD-RF3322 Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3322PCBA RFMD-RF3322PCBA Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
More results

Similar Description - RF3321

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3322 RFMD-RF3322 Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Intersil Corporation
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
July 1994
logo
RF Micro Devices
RF2155 RFMD-RF2155_06 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_1 Datasheet
219Kb / 10P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133_12 Datasheet
668Kb / 9P
5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com