Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3321 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3321
Description  REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3321 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3321 Datasheet HTML 3Page - RF Micro Devices RF3321 Datasheet HTML 4Page - RF Micro Devices RF3321 Datasheet HTML 5Page - RF Micro Devices RF3321 Datasheet HTML 6Page - RF Micro Devices RF3321 Datasheet HTML 7Page - RF Micro Devices RF3321 Datasheet HTML 8Page - RF Micro Devices RF3321 Datasheet HTML 9Page - RF Micro Devices RF3321 Datasheet HTML 10Page - RF Micro Devices RF3321 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary
2-7
RF3321
Rev A10 010516
3
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
C3
1nF
C4
1nF
C9
100 pF
C8
15 pF
C7
15 pF
R6
24
J7
RF OUT
VCC2
R4
75
R5
75
J6
RF IN
VCC1
C5
0.1
µF
SDA
CS
SCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
R1
100 k
R2
100 k
VCC
NC
CS
SDA
SCLK
SHDNB
TXEN
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
VCC
VCC
NC
NC
NC
NC
NC
NC
CS
SDA
J5-1
J3-1
SCLK
J1
J3
1
2
3
J1-6
TXEN
J2
1
2
3
VCC
GND
J5
1
2
3
J1-5
SHDNB
J4
1
2
3
VCC
GND
JP1
1
2
3
4
VCC 9V
VCC2
+
C2
1nF
L1 (Ferrite)
30
C1
10
µF
(10 V)
L3 (Ferrite)
30
L2 (Ferrite)
30
VCC
VCC1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Power
Control
Gain Control
and Serial Bus
PACKAGE BASE
C6
220 pF
Notes:
1. 4-layer board.
2. Underside of package must solder to ground.
3. Place C5 and C6 as close to pin as possible.
4. C1 and C10 are tantalum, size code Y.
5. All other components are 0603 size.
6. ReplaceR6with0
Ω resistor if 75 Ω connector is used.
3321400C
VCC1
GND
+
C11
1nF
L5 (Ferrite)
30
C10
10
µF
(10 V)
L4 (Ferrite)
30
VCC2
Q1
R7
R8
VCC
T1
1:1
1
2
3
6
5
4
T2
4:1
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com