Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3321 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3321
Description  REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3321 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3321 Datasheet HTML 1Page - RF Micro Devices RF3321 Datasheet HTML 2Page - RF Micro Devices RF3321 Datasheet HTML 3Page - RF Micro Devices RF3321 Datasheet HTML 4Page - RF Micro Devices RF3321 Datasheet HTML 5Page - RF Micro Devices RF3321 Datasheet HTML 6Page - RF Micro Devices RF3321 Datasheet HTML 7Page - RF Micro Devices RF3321 Datasheet HTML 8Page - RF Micro Devices RF3321 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary
2-4
RF3321
Rev A10 010516
3
Serial Bus Block Diagram
Pin
Function
Description
Interface Schematic
1
SHDNB
Chip shutdown pin. Forcing a logic low causes all circuits to switch off
andgainsettingstobelost.
2TX EN
Signal path enable pin. Logic high turns on signal path. Logic low turns
off signal path, but leaves serial bus active.
3NC
Not connected.
4VIN
Input pin. This should be externally AC-coupled to signal source.
5VINB
Complementary input pin. This should be externally coupled to signal
source. For single-ended use, this pin should be AC-coupled to ground.
See pin 4.
6
VCC1
This pinis connectedtoVCC1.
7
VCC1
Same as pin 6.
8
RAMP
External capacitor to ground controls start-up time.
9SCLK
Serial bus clock input.
10
CS
Serial bus enable.
11
SDA
Serial bus data input.
12
VOUTB
Open collector output. Connect to VCC2 via balun primary.
13
VOUT
Open collector output. Connect to VCC2 via balun primary.
See pin 12.
14
NC
Same as pin 3.
15
NC
Same as pin 3.
16
GND
Connect to ground.
PKG
BASE
GND
Die is mounted on a heat sink slug that should be connected to ground.
Device grounds are internally bonded to the slug.
550
Ω
550
Ω
V
CC
500
Ω
500
Ω
V
INB
V
IN
300
Ω
V
OUT
V
OUTB
RE
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D0
D1
D2
D3
D4
D5
D6
POR
CS
SDA
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com