Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3322 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3322
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3322 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3322 Datasheet HTML 1Page - RF Micro Devices RF3322 Datasheet HTML 2Page - RF Micro Devices RF3322 Datasheet HTML 3Page - RF Micro Devices RF3322 Datasheet HTML 4Page - RF Micro Devices RF3322 Datasheet HTML 5Page - RF Micro Devices RF3322 Datasheet HTML 6Page - RF Micro Devices RF3322 Datasheet HTML 7Page - RF Micro Devices RF3322 Datasheet HTML 8Page - RF Micro Devices RF3322 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary
3-29
RF3322
Rev A2 010518
3
Note 1: The enable time is determined by the value of the capacitor on pin 14 (RAMP). A higher capacitor value will
increase the enable time, but will reduce the transient voltage.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
AC Specifications, cont’d
Output Step Size
0.8
1.0
1.1
dB
Isolation in Transmit Disable
Mode
-80
-95
dBc
Maximum Gain, 20MHz
Output Noise
Maximum Gain
-37
-30
dBmV/
160kHz
-96dBc for a 59dBmV carrier in a 160kHz
bandwidth.
Minimum Gain
-55
-50
dBmV/
160kHz
-64dBc for an 8dBmV carrier in a 160kHz
bandwidth.
Transmit Disabled
-75
-70
dBmV/
160kHz
TXEN =0
TX EN Enable Time
0.5
1.0
µS
Time for gain to reach 99% of final value.
SeeNote1.
TX EN Transient Duration
2.4
3.0
µSSee Note 1.
Output Switching Transients
5
10
mVP-P
Maximum Gain
35
mVP-P
Minimum Gain
Output Impedance
255
300
345
Ω
Chip output impedance is nominally 300
Ω.
Differential to single-ended output conver-
sion to 75
Ω is performed in a balun with a
2:1 turns ratio, corresponding to a 4:1 imped-
ance ratio.
Input Impedance
75
Ω
Differential
Thermal
ThetaJC
28
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com