Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3404 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3404
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3404 Datasheet HTML 1Page - RF Micro Devices RF3404 Datasheet HTML 2Page - RF Micro Devices RF3404 Datasheet HTML 3Page - RF Micro Devices RF3404 Datasheet HTML 4Page - RF Micro Devices RF3404 Datasheet HTML 5Page - RF Micro Devices RF3404 Datasheet HTML 6Page - RF Micro Devices RF3404 Datasheet HTML 7Page - RF Micro Devices RF3404 Datasheet HTML 8Page - RF Micro Devices RF3404 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary
8-34
RF3404
Rev A1 010918
8
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=2.75V
RF Frequency Range
869 to 894
MHz
1930 to 1990
MHz
IF Frequency Range
0.1 to 400
MHz
LO Input Level
-10
-7
0
dBm
Cellular Band (CDMA)
RF Freq= 869MHz to 894MHz
LO Freq= 1053MHz to 1078MHz
LNA On
Gain
23.0
25.0
dB
LNA set for max IIP3; Mixer RF amp ON
24.5
dB
LNA set for Nominal IIP3; Mixer RF amp ON
16.0
dB
LNA set for max IIP3; Mixer RF amp OFF
15.0
dB
LNA set for Nominal IIP3; Mixer RF amp
OFF
Noise Figure
2.0
2.5
dB
LNA set for max IIP3; Mixer RF amp ON
2.1
dB
LNA set for Nominal IIP3; Mixer RF amp ON
4.0
dB
LNA set for max IIP3; Mixer RF amp OFF
4.5
dB
LNA set for Nominal IIP3; Mixer RF amp
OFF
Input IP3
-9.0
dBm
LNA set for max IIP3; Mixer RF amp ON
-8.0
dBm
LNA set for Nominal IIP3; Mixer RF amp ON
1.5
dBm
LNA set for max IIP3; Mixer RF amp OFF
2.0
dBm
LNA set for Nominal IIP3; Mixer RF amp
OFF
+10.0
dBm
LNA only, set for max IIP3
LNA Off
Gain
5
dB
Mixer RF amp ON
-3
dB
Mixer RF amp OFF
Noise Figure
15
dB
Mixer RF amp ON
22
dB
Mixer RF amp OFF
Input IP3
+10.0
dBm
Mixer RF amp ON
+20.0
dBm
Mixer RF amp OFF
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com