Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3404 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3404
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3404 Datasheet HTML 1Page - RF Micro Devices RF3404 Datasheet HTML 2Page - RF Micro Devices RF3404 Datasheet HTML 3Page - RF Micro Devices RF3404 Datasheet HTML 4Page - RF Micro Devices RF3404 Datasheet HTML 5Page - RF Micro Devices RF3404 Datasheet HTML 6Page - RF Micro Devices RF3404 Datasheet HTML 7Page - RF Micro Devices RF3404 Datasheet HTML 8Page - RF Micro Devices RF3404 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ü
8-33
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
Note orientation of Pin 1.
12
High Band
RF SAW
Filter
PCS LNA IN
4
MIXER GAIN CNTRL
31
LNA GAIN CNTRL
11
CELL LNA IN
Low Band
RF SAW
Filter
26
DIV ENABLE
45
IF SEL
44
BAND SEL
46
IP SET
29
ENABLE
30
TX BUFFER
ENABLE
LOGIC
CONTROL
880 MHz Mixer
Divide 2
1PCS LO OUT
27 LO IN
2CELL LO OUT
22 CDMA IF+
23 CDMA IF-
24
25
FM IF+
FM IF-
880 MHz LNA
1960 MHz LNA
1960 MHz Mixer
RF3404
DUAL-BAND/TRI-MODE CDMA
LOW NOISE AMPLIFIER/MIXER MODULE
• CDMA Cellular/PCS Handsets
The RF3404 is a fully-functional, integrated dual-band
downconverter module for tri-mode CDMA applications.
The module, which uses SiGe technology, features two
complete RF downconverters with low noise amplifiers,
RF SAW filters, TX LO buffers, and RF matching for PCS
and cellular band frequencies. Additionally, a divide-by-2
prescaler is integrated to allow the use of a single-band
VCO. Multiple gain control options are available to con-
serve current and meet IS-98B specifications. The mixer
design allows for a common IF filter for CDMA cellular
and PCS operation, and a second output for the FM out-
put. IF matching is external to the module.
• Complete Dual-Band Receiver Front End
• Integrated RF SAW Filters
• Internal RF Matching and Bias Settings
• Stepped LNA/Mixer Gain Control
• Adjustable LNA Bias Current and IIP3
• Meets IS-98B Specifications
RF3404
Dual-Band/Tri-Mode CDMA Low Noise Amplifier/
Mixer Module
RF3404 PCBA
Fully Assembled Evaluation Board
8
Rev A1 010918
FM
IF+
FM IF-
38
CELL LO
OUT
MIXER
GAIN
8
VCC2
PCS LO
OUT
1
34
9
TX BUFFER
ENABLE
30
LNA
GAIN
ENABLE
29
28
35
CELL LNA IN
11
PCS LNA IN
12
14
39
VCC4
43
CDMAIF-
23
BAND
SEL
44
LO IN
VCC3
48
DIV
ENABLE
IP
SET
IF
SEL
15
VCC1
21
CDMAIF+
22
Note orientation of Pin 1.
NOTE: Shaded area represents Pin 1.
0.1
1.0
0.6
8.00
sq.
0.5
Package Style: 8mmx8mm Module


Similar Part No. - RF3404

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3404 MURATA-RF3404 Datasheet
201Kb / 2P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3404D RFM-RF3404D Datasheet
86Kb / 5P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3404D MURATA-RF3404D Datasheet
86Kb / 5P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3404E MURATA-RF3404E Datasheet
130Kb / 4P
433.92 MHz SAW Filter
More results

Similar Description - RF3404

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF5144 RFMD-RF5144 Datasheet
82Kb / 8P
DUAL-BAND CDMA 800MHz/1900MHz TRI-MODE POWER AMPLIFIER MODULE
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com