Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3404 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3404
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3404 Datasheet HTML 2Page - RF Micro Devices RF3404 Datasheet HTML 3Page - RF Micro Devices RF3404 Datasheet HTML 4Page - RF Micro Devices RF3404 Datasheet HTML 5Page - RF Micro Devices RF3404 Datasheet HTML 6Page - RF Micro Devices RF3404 Datasheet HTML 7Page - RF Micro Devices RF3404 Datasheet HTML 8Page - RF Micro Devices RF3404 Datasheet HTML 9Page - RF Micro Devices RF3404 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Preliminary
8-38
RF3404
Rev A1 010918
8
Pin
Function
Description
Interface Schematic
1PCS LO
OUT
PCS LO output. Internal DC block.
2CELL LO
OUT
Cellular LO output. Internal DC block.
3GND
Low-inductance ground required.
4
MIXER
GAIN
Logic input. Controls switch around mixer preamp. High selects maxi-
mum mixer gain.
5GND
Low-inductance ground required.
6GND
Low-inductance ground required.
7GND
Low-inductance ground required.
8
VCC2
PCS LNA VCC. External bypass capacitor between 10pF and 47nF
required.
9GND
Low-inductance ground required.
10
GND
Low-inductance ground required.
11
CELL LNA
IN
Cellular LNA input. Internally matched to 50
Ω. DC-blocking internal to
module.
12
PCS LNA IN PCS LNA input. Internally matched to 50Ω. DC-blocking internal to
module.
13
GND
Low-inductance ground required.
14
GND
Low-inductance ground required.
15
GND
Low-inductance ground required.
16
VCC1
Cellular LNA VCC. External bypass may be required.
17
GND
Low-inductance ground required.
18
GND
Low-inductance ground required.
19
GND
Low-inductance ground required.
20
GND
Low-inductance ground required.
21
GND
Low-inductance ground required.
22
CDMA IF+
CDMA IF output. Open collector. “Current combiner” IF interface to
SAW filter recommended.
23
CDMA IF-
CDMA IF output. Open collector. “Current combiner” IF interface to
SAW filter recommended.
See pin 22.
MIX GAIN
CELL LNA IN
V
CC
PCS LNA IN
V
CC
CDMA+
CDMA-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com