Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3404 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3404
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3404 Datasheet HTML 3Page - RF Micro Devices RF3404 Datasheet HTML 4Page - RF Micro Devices RF3404 Datasheet HTML 5Page - RF Micro Devices RF3404 Datasheet HTML 6Page - RF Micro Devices RF3404 Datasheet HTML 7Page - RF Micro Devices RF3404 Datasheet HTML 8Page - RF Micro Devices RF3404 Datasheet HTML 9Page - RF Micro Devices RF3404 Datasheet HTML 10Page - RF Micro Devices RF3404 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary
8-39
RF3404
Rev A1 010918
8
Pin
Function
Description
Interface Schematic
24
FM IF+
FM IF output. Open collector. “Current combiner” IF interface to SAW
filter recommended.
25
FM IF-
FM IF output. Open collector. “Current combiner” IF interface to SAW
filter recommended.
See pin 24.
26
DIVIDER
ENABLE
Logic input. High enable frequency divide by 2 circuitry in cellular
mode.
27
LO IN
LO single-end input. Internal DC block.
28
GND
Low-inductance ground required.
29
ENABLE
Logic input. Low level shuts down IC. IC can be shut down by setting
pins 44 and 45 high and TX Buffer Enable low as well.
30
TX BUFFER
ENABLE
Logic input. High enables TX LO buffer amplifiers.
31
LNA GAIN
Logic input. Controls LNA bypass switch. High selects maximum LNA
gain.
32
GND
Low-inductance ground required.
33
GND
Low-inductance ground required.
34
GND
Low-inductance ground required.
35
GND
Low-inductance ground required.
36
GND
Low-inductance ground required.
37
GND
Low-inductance ground required.
38
GND
Low-inductance ground required.
39
GND
Low-inductance ground required.
40
GND
Low-inductance ground required.
41
GND
Low-inductance ground required.
42
GND
Low-inductance ground required.
43
VCC4
VCC connection for internal references, logic, and mix preamps. Inter-
nal RF bypass capacitor. External bypass capacitor between 1nF and
47nF may be required.
44
BAND SEL
Logic input. High level selects PCS band; lower level selects cellular
band.
45
IF SEL
Logic input. High selects FM IF outputs in cellular mode; low selects
CDMA IF outputs.
FM+
FM-
LO IN
ENABLE
TX BUF
LNA GAIN
BAND SEL
IF SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com