Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9678PCBA Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF9678PCBA
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678PCBA Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF9678PCBA Datasheet HTML 8Page - RF Micro Devices RF9678PCBA Datasheet HTML 9Page - RF Micro Devices RF9678PCBA Datasheet HTML 10Page - RF Micro Devices RF9678PCBA Datasheet HTML 11Page - RF Micro Devices RF9678PCBA Datasheet HTML 12Page - RF Micro Devices RF9678PCBA Datasheet HTML 13Page - RF Micro Devices RF9678PCBA Datasheet HTML 14Page - RF Micro Devices RF9678PCBA Datasheet HTML 15Page - RF Micro Devices RF9678PCBA Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Preliminary
5-104
RF9678
Rev A4 010622
5
ICC versus VGC
(1 VP-P, 380 MHz)
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0.0
0.5
1.0
1.5
2.0
2.5
VGC (VDC)
+25C
POUT versus VIN
(VGC =2.4VDC, 380 Mhz, W-CDMA)
-16
-14
-12
-10
-8
-6
-4
-2
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VIN (VP Differential)
(25°C)
Performance versus VBIAS
VIN=300mVPP (Differential)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.10
VBIAS (VDC)
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
ACPup (dbc)
ACPlow (dbc)
ALTup (dbc)
ALTlow (dbc)
ChPout (dbm)
ACPR versus VGC (W-CDMA, 3GPP, Temp. +25
oC, - 40oC, +85oC)
(LO Freq. 760MHz@-8dBm, VCC=3.0V, VGC=2.4 to 0.2V)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
ACPR [dBc] @ +25C
ACPR [dBc] @ - 40C
ACPR [dBc] @ +85C
Channel Output Power versus VGC
(W-CDMA-3GPP, Temp. +25
oC)
(LO Freq. 760MHz@-8dBm,VCC=2.7, 3.0, 3.3V, VGC=2.4 to 0.2V)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
Ch.Power out [dBm] @ 3V
Ch.Power out [dBm] @ 2.7V
Ch.Power out [dBm] @ 3.3V
Altr. Channel Power versus VGC
(W-CDMA-3GPP, Temp. +25
o
C, -40
o
C, +85
o
C)
(LO Freq. 760MHz@-8dBm, VCC=3.0V, VGC=2.4V to 0.2V)
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
ALTR.Ch.Power [dBc] @ +25C
ALTR.Ch.Power[dBc] @ - 40C
ALTR.Ch.Power[dBc] @ +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com