Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9678PCBA Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF9678PCBA
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678PCBA Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF9678PCBA Datasheet HTML 2Page - RF Micro Devices RF9678PCBA Datasheet HTML 3Page - RF Micro Devices RF9678PCBA Datasheet HTML 4Page - RF Micro Devices RF9678PCBA Datasheet HTML 5Page - RF Micro Devices RF9678PCBA Datasheet HTML 6Page - RF Micro Devices RF9678PCBA Datasheet HTML 7Page - RF Micro Devices RF9678PCBA Datasheet HTML 8Page - RF Micro Devices RF9678PCBA Datasheet HTML 9Page - RF Micro Devices RF9678PCBA Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary
5-96
RF9678
Rev A4 010622
5
As is shown above, the EVM performance of a modulator can be correlated to it's carrier and sideband suppression per-
formance.
Unadjusted Performance
A Wideband CDMA signal is a noise-like signal occupying a channel bandwidth of 3.84MHz. When viewed on a spec-
trum analyzer the channel appears as a plateau raised above the noise floor (see Figure 4). In some cases, it is normal
to see a spike over the center of the W-CDMA plateau. This will occur when the absolute power level of the unadjusted
carrier feedthrough is higher than that of the W-CDMA channel level. The cause of this phenomenon can be understood
by examining the relative powers of the carrier signal and the W-CDMA channel power.
For Example, a 1Hz channel with a power of 0dBm has an absolute power level of 0dBm when viewed on a spectrum
analyzer. When that 0 dBm channel power is spread over a 3.84 MHz channel, as in W-CDMA, it results in an absolute
channel power level of -65.8 dBm (-10*log (BW)). The absolute channel level displayed on the spectrum analyzer will
increase with the resolution bandwidth setting on the instrument although the integrated channel power will remain con-
stant. A resolution bandwidth (RBW) of 30 kHz will increase the displayed power level by 44.7dB (+10*log(RBW)) to -
21.0dBm. With a desired signal output power of +2.0dBm and a carrier suppression of >20 dBc, the absolute carrier level
canbe ashighas-18.0dBm (POUT-Suppression=Carrier Level). This will result in a 3dB carrier spike above the W-
CDMA channel level (see Figure 4). (Note: The relative height of the carrier spike above the W-CDMA channel level is
directly related to the RBW of the spectrum analyzer being used. The example above assumes a 30kHz RBW.)
The following equations may be used to calculate W-CDMA channel and carrier feedthrough levels.
W-CDMA Channel Level= Channel Power (Integrated over BW)-[10*log*(BW)]+ [10 *log*(RBW)]
Carrier Feedthrough=POUT (Desired Sideband)-Carrier Suppression
The next section describes a procedure that may be used to dramatically reduce carrier feedthrough by tuning or opti-
mizing the modulator input signals.
A
CF
380 MHz
SR
3.84 MHz
Meas Signal
Constellation
Constellation
Demod
QPSK
IMAG
T1
-1.875
1.875
REAL
EXT
Ref Lvl
0dBm
0dBm
Ref Lvl
0dBm
0dBm
-1.5
1.5
Date:
6.FEB.2001
00:38:12
Figure 3. DC Offset Error (Carrier Feedthrough)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com