Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9678PCBA Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF9678PCBA
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678PCBA Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF9678PCBA Datasheet HTML 8Page - RF Micro Devices RF9678PCBA Datasheet HTML 9Page - RF Micro Devices RF9678PCBA Datasheet HTML 10Page - RF Micro Devices RF9678PCBA Datasheet HTML 11Page - RF Micro Devices RF9678PCBA Datasheet HTML 12Page - RF Micro Devices RF9678PCBA Datasheet HTML 13Page - RF Micro Devices RF9678PCBA Datasheet HTML 14Page - RF Micro Devices RF9678PCBA Datasheet HTML 15Page - RF Micro Devices RF9678PCBA Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Preliminary
5-105
RF9678
Rev A4 010622
5
IGC versus VGC
(LO Freq. 760MHz@-8dBm, VCC=VPD=3.0V, VGC=2.4 to 0.2V)
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
Igc [uA]
Channel Output Power versus VGC
(W-CDMA 3GPP, Temp.+25
o
C, -40
o
C, +85
o
C)
(LO Freq. 760MHz@-8dBm, VCC=3.0V, VGC=2.4 to 0.2V)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
Ch.Power out [dBm] @ +25C
Ch.Power out [dBm] @ - 40C
Ch.Power out [dBm] @ +85C
EVM versus VGC
(W-CDMA-3GPP, Temp. +25
oC, - 40oC, +85oC)
(LO Freq. 760MHz@-8dBm, VCC=3.0V, VGC=2.4 to 1.0V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
1.01.2
1.41.6
1.82.0
2.22.4
VGC (V)
EVM [%] @ +25C
EVM [%] @ - 40C
EVM [%] @ +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com