Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9678PCBA Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF9678PCBA
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678PCBA Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF9678PCBA Datasheet HTML 7Page - RF Micro Devices RF9678PCBA Datasheet HTML 8Page - RF Micro Devices RF9678PCBA Datasheet HTML 9Page - RF Micro Devices RF9678PCBA Datasheet HTML 10Page - RF Micro Devices RF9678PCBA Datasheet HTML 11Page - RF Micro Devices RF9678PCBA Datasheet HTML 12Page - RF Micro Devices RF9678PCBA Datasheet HTML 13Page - RF Micro Devices RF9678PCBA Datasheet HTML 14Page - RF Micro Devices RF9678PCBA Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary
5-101
RF9678
Rev A4 010622
5
Pin Out
Application Schematic
1
VGC
2
VCC2
3
MOD+
4
MOD-
5
6
7
8
9 LO-
10 LO+
12 NC
13
14
15
16
11 BG OUT
10 nF
V
CC
10 pF
15 nH
2200 pF
MOD+
V
CC
10 pF
2200 pF
MOD-
V
CC
39 k
Ω
VGC
1nF
VPD
1500
Ω
10 nF
V
CC
10 nF
10 nF
1nF
1nF
LO IN
ISIG+
15 nH
QSIG+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Gain Control
Σ
Quad
/2
QSIG-
ISIG-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com