Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7607 Datasheet(PDF) 2 Page - Rohm

Part # BA7607
Description  Video signal switcher
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7607 Datasheet(HTML) 2 Page - Rohm

  BA7607 Datasheet HTML 1Page - Rohm BA7607 Datasheet HTML 2Page - Rohm BA7607 Datasheet HTML 3Page - Rohm BA7607 Datasheet HTML 4Page - Rohm BA7607 Datasheet HTML 5Page - Rohm BA7607 Datasheet HTML 6Page - Rohm BA7607 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Multimedia ICs
BA7607 / BA7607F
•Equivalent circuits
R3
13.6k
R4
200
R5
33k
R17
12k
I1
0.6mA
I2
0.3mA
I4
0.6mA
I5
1mA
R7
100
R10
100
R11
100
R13
100
R14
100
R9
200
R6
20k
R12
200
R16
200
R15
200
R2
2.2k
R1
1k
Q4
Q5
Q7
Q8
Q10 Q11
Q12
Q9
Q3
Q2
Q1
OUT
VCC
IN
Sc
R3
22k
R8
25k
R17
12k
I1
0.6mA
I2
0.3mA
I4
0.6mA
I5
1mA
R7
100
R10
100
R11
100
R13
100
R14
100
R9
200
R12
200
R16
200
R15
200
R2
4k
R1
1k
Q5
Q6
Q7
Q8
Q10 Q11
Q12
Q9
Q3
Q2
Q1
OUT
VCC
IN
Sa, Sb



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com