Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7607 Datasheet(PDF) 6 Page - Rohm

Part # BA7607
Description  Video signal switcher
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7607 Datasheet(HTML) 6 Page - Rohm

  BA7607 Datasheet HTML 1Page - Rohm BA7607 Datasheet HTML 2Page - Rohm BA7607 Datasheet HTML 3Page - Rohm BA7607 Datasheet HTML 4Page - Rohm BA7607 Datasheet HTML 5Page - Rohm BA7607 Datasheet HTML 6Page - Rohm BA7607 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Multimedia ICs
BA7607 / BA7607F
•Measurement conditions
S1a
S2a
S3a
S1b
S2b
S3b
S1c
S2c
S3c
ICC
222222222
Vom
Vom
Vom
Vom
Vom
Vom
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
GV
GV
GV
GV
GV
GV
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
f = 1MHz,
V = 1VP-P
CT
CT
CT
CT
CT
CT
2
3
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
2
3
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
2
3
2
2
2
2
3
2
2
2
2
2
2
3
f = 4.43MHz,
V = 1VP-P
Gf
Gf
Gf
Gf
Gf
Gf
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
V = 1VP-P
VTH
VTH
VTH
3
2
2
2
2
2
1
2
2
2
3
2
2
2
2
2
1
2
2
2
3
2
2
2
2
2
1
2
2
2
2
2
2
2
2
2
2
2
2
1
2
2
1
2
3
THD
THD
2
2
2
2
2
2
2
2
2
2
2
2
3
2
2
3
2
3
f = 1kHz,
THD = 0.5%
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
CTL a
CTL b
CTL c
IN1 c
IN2 c
IN1 c
IN2 c
f = 10M / f = 1M,
ZIN
ZIN
Note 1
Note 2
Note 3
Note 4
Note 5
Note 6
Note 7
Parameter
Symbol
Switch settings
Measurement
method
Current dissipation
Maximum
output level
Voltage gain
Interchannel
crosstalk
Frequency
characteristic
CTL pin
switching level
Input
impedance
Total-harmonic
distortion
Note 1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the output level until the output distortion is 0.5%.
This output voltage at this time is the maximum output level Vom (VP-P).
Note 2: Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN).
Note 3: Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
Note 4: Input 1VP-P, 1MHz and 10MHz sine waves. The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)).
Note 5: Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC.
The CTL pin switching level (VTH) is the CTL pin voltage at which the VOUT level drops below 20mVP-P.
Note 6: Measure the input pin voltage VIN50 when a current of DC50
µA is flowing into the input pin. Measure the input pin open-circuit voltage.
The input impedance is given by Z = (VIN50 - VIN0) / 50
× 10-6 [Ω].
Note 7: Input a 1VP-P, 1kHz sine wave and measure the total-harmonic distortion of the output using a total-harmonic distortion meter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com