Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7607 Datasheet(PDF) 4 Page - Rohm

Part # BA7607
Description  Video signal switcher
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7607 Datasheet(HTML) 4 Page - Rohm

  BA7607 Datasheet HTML 1Page - Rohm BA7607 Datasheet HTML 2Page - Rohm BA7607 Datasheet HTML 3Page - Rohm BA7607 Datasheet HTML 4Page - Rohm BA7607 Datasheet HTML 5Page - Rohm BA7607 Datasheet HTML 6Page - Rohm BA7607 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Multimedia ICs
BA7607 / BA7607F
•Reference date
Pin DC voltages (reference values)
Pin No.
DC voltage
DC voltage
Pin No.
1
2.05
9
2.48
2
4.91
10
0
3
0.65
11
2.05
4
0
12
4.91
5
0.65
13
5.00
6
1.76
14
2.05
7
4.91
15
0
8
2.48
16
2.05
Units: Vdc
Electrical characteristics
Parameter
0.49
0.65
0.80
Vdc
—
20k
—
Ω
—
1.7M
—
Ω
—30—
Ω
Min.
Typ.
Max.
Unit
Sync tip clamp level
Input impedance (no clamp)
Input impedance (with clamp)
Output impedance
The input coupling capacitor values should be 0.1
µF to 1µF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com