Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7607 Datasheet(PDF) 3 Page - Rohm

Part # BA7607
Description  Video signal switcher
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7607 Datasheet(HTML) 3 Page - Rohm

  BA7607 Datasheet HTML 1Page - Rohm BA7607 Datasheet HTML 2Page - Rohm BA7607 Datasheet HTML 3Page - Rohm BA7607 Datasheet HTML 4Page - Rohm BA7607 Datasheet HTML 5Page - Rohm BA7607 Datasheet HTML 6Page - Rohm BA7607 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Multimedia ICs
BA7607 / BA7607F
R3
400
R4
400
R5
25k
R2
200
Q3
Q1
Q5
Q6
Q2
Q4
CTL
R6
25k
R1
50k
VCC
I2
0.6mA
I1
0.25mA
I3
0.06mA
CTL
•Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
5.0
5.5
V
—
ICC
—
12.5
17.0
mA
—
Vom
2.6
2.9
—
VP-P
Vom
2.7
3.0
—
VP-P
GV
– 0.5
0
0.5
dB
f = 1MHz, VIN = 1VP-P
CT
—
– 65
—
dB
f = 4.43MHz, VIN = 1VP-P
Gf
– 3
0
1
dB
10MHz / 1MHz, VIN = 1VP-P
ZIN
14
20
26
k
Ω
THD
—
0.007
—
%
f = 1kHz, 1VP-P
VTH
2.0
2.5
3.0
V
—
f = 1kHz, THD = 0.5%, clamped input
f = 1kHz, THD = 0.5%, non-clamped input
non-clamped input
, non-clamped input
Operating voltage
Supply current
Maximum output level 1
Maximum output level 2
Voltage gain
Interchannel crosstalk
Frequency characteristic
Input impedance
Total-harmonic distortion
CTL pin switch level
Note: Refer to the measurement circuit given in Fig. 1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com