Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7660FS Datasheet(PDF) 2 Page - Rohm

Part # BA7660FS
Description  3-channel 75??driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7660FS Datasheet(HTML) 2 Page - Rohm

  BA7660FS Datasheet HTML 1Page - Rohm BA7660FS Datasheet HTML 2Page - Rohm BA7660FS Datasheet HTML 3Page - Rohm BA7660FS Datasheet HTML 4Page - Rohm BA7660FS Datasheet HTML 5Page - Rohm BA7660FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Multimedia ICs
BA7660FS
•Block diagram
MUTE
INA
GND
INB
GND
N.C.
INC
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUTA1
VCC
OUTA2
OUTB1
OUTB2
N.C.
OUTC1
OUTC2
75
Ω
6dB
75
Ω
6dB
6dB
75
Ω
H
3ch MUTE
MUTE (1pin)
NORMAL
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com