Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7660FS Datasheet(PDF) 5 Page - Rohm

Part # BA7660FS
Description  3-channel 75??driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7660FS Datasheet(HTML) 5 Page - Rohm

  BA7660FS Datasheet HTML 1Page - Rohm BA7660FS Datasheet HTML 2Page - Rohm BA7660FS Datasheet HTML 3Page - Rohm BA7660FS Datasheet HTML 4Page - Rohm BA7660FS Datasheet HTML 5Page - Rohm BA7660FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Multimedia ICs
BA7660FS
Note 1: Measure the circuit current when no signal is present.
Note 2: Apply a sine wave of f = 1kHz to the input, and adjust the input
level so that the output distortion is 1%. At this time, set the out-
put voltage to the maximum output level of VOM [VP-P].
Note 3: Measure the output VO [VP-P] with a sine wave of f = 4.43MHz,
1VP-P applied to the input. Voltage gain GV is:
GV = 20 Log (VO / VIN) [dB]
Note 4: Measure the outputs VO7 and VO1 [VP-P] each with sine waves of
f = 7MHz, 1VP-P and f = 1MHz, 1VP-P applied to the input. Voltage
frequency GF is:
GF = 20 Log (VO7 / VO1) [dB]
Note 5: Measure the output VO [VP-P] with a sine wave of f = 4.43MHz,
1VP-P applied to the input. Interchannel crosstalk CT is:
CT = 20 Log (VO / VIN) [dB]
Note 6: Measure the output VO [VP-P] with a sine wave of f = 4.43MHz,
1VP-P applied to the input. The muting attenuation MT is:
MT = 20
∗ Log (VO / VIN) [dB]
•Measurement condition settings table
Item
Symbol
Measurement
method
Switch conditions
Circuit current
Maximum
output level
Voltage gain
Frequency
characteristics
Crosstalk between
channels
Muting attenuation
ICC
VOM1
VOM2
VOM3
GV1
GV2
GV3
GF1
GF2
GF3
CT1
CT2
CT3
CT4
CT5
CT6
MT1
MT2
MT3
OUTA
OUTB
OUTC
OUTA
OUTB
OUTC
OUTA
OUTB
OUTC
OUTA
→OUTB
OUTA
→OUTC
OUTB
→OUTA
OUTB
→OUTC
OUTC
→OUTA
OUTC
→OUTB
OUTA
OUTB
OUTC
Note 1
Note 2
Note 3
Note 4
Note 5
Note 6
SW1
2
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
1
1
1
SW2
1
2
1
1
2
1
1
2
1
1
2
2
1
1
1
1
2
1
1
SW4
1
1
2
1
1
2
1
1
2
1
1
1
2
2
1
1
1
2
1
SW7
1
1
1
2
1
1
2
1
1
2
1
1
1
1
2
2
1
1
2
SW16
1
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
∗ The muting switching level is substituted by carrying out the above measurement at High = 3.3V, Low = 1.2V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com