Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7660FS Datasheet(PDF) 4 Page - Rohm

Part # BA7660FS
Description  3-channel 75??driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7660FS Datasheet(HTML) 4 Page - Rohm

  BA7660FS Datasheet HTML 1Page - Rohm BA7660FS Datasheet HTML 2Page - Rohm BA7660FS Datasheet HTML 3Page - Rohm BA7660FS Datasheet HTML 4Page - Rohm BA7660FS Datasheet HTML 5Page - Rohm BA7660FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Multimedia ICs
BA7660FS
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
ICC
11.4
22.8
34.2
mA
Maximum output level
Vom
2.6
3.0
—
VP- P
Voltage gain
GV
5.5
6.0
6.5
dB
Frequency characteristic
Gf
1.0
0.0
1.0
dB
Muting attenuation
With no signal
f = 1kHz,THD = 1%
f = 4.43MHz,1VP- P
f = 7MHz / 1MHz,1VP- P
f = 4.43MHz,1VP- P
MT
—60—
dB
Muting switching level HIGH
VTHH
3.5
—
VCC
V
Muting switching level LOW
VTHL
0
—
1.0
V
–
–
—
—
•Measurement circuit
1
2
3
4
5
6
7
8
75
Ω
6dB
75
Ω
6dB
75
Ω
6dB
16
15
14
13
12
11
10
9
SW1
SW2
2
3.3V
1
1.2V
3
1
µF
1
430k
75k
SW4
N.C.
SW7
SW16
2
VCC
1
0.1
µF47µF
N.C.
100
µF
22
µF
75
Ω
75
Ω
75
Ω
1
µF
2
1
µF
1
430k
75k
1
µF
2
1
µF
1
430k
75k
1
µF
2
V
A
100
µF
22
µF
V
100
µF
22
µF
V
•Guaranteed design parameters (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Differential gain
DG
—
0.5
1.5
%
Differential phase
DP
—
0.5
1.5
deg
Interchannel crosstalk
CT
—60
55
dB
Interchannel voltage gain
differential
∆GV
0.5
0.0
0.5
dB
1.0VP- P reference staircase signal
1.0VP- P reference staircase signal
f = 4.43MHz,1VP- P
f = 4.43MHz,1VP- P
––
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com