Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7660FS Datasheet(PDF) 1 Page - Rohm

Part # BA7660FS
Description  3-channel 75??driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7660FS Datasheet(HTML) 1 Page - Rohm

  BA7660FS Datasheet HTML 1Page - Rohm BA7660FS Datasheet HTML 2Page - Rohm BA7660FS Datasheet HTML 3Page - Rohm BA7660FS Datasheet HTML 4Page - Rohm BA7660FS Datasheet HTML 5Page - Rohm BA7660FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Multimedia ICs
3-channel 75
Ω driver
BA7660FS
The BA7660FS is a 75
Ω driver with a 6dB amplifier and three internal circuits, and provides 75Ω drive of composite
Y signals and C signals, as well as RGB signals. Each load is capable of driving two circuits, and a sag correction
function reduces the capacitance of the output coupling capacitor.
The input voltage is within a range of 0V to 1.5V, enabling direct connection of ordinary D / A converter output. An
internal power-saving circuit is also included which provides simultaneous muting on all three channels, and output
pin shorting protection.
•Applications
DVDs, set top boxes and other digital video devices
•Features
1) Can be coupled directly to D / A converter output.
2) Operates at a low power consumption (115mW typ.).
3) Internal output muting circuit.
4) Internal power-saving circuit.
5) Internal output protection circuit.
6) An internal sag correction function makes it possible
to reduce the capacitance of the output coupling
capacitor.
7) Each load is capable of driving two circuits.
8) The compact 16-pin SSOP-A package is used.
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Vcc
Pd
Topr
Tstg
Limits
Unit
8
650
– 25 ~ + 75
– 55 ~ + 125
V
mW
°C
°C
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Vcc
Min.
4.5
Typ.
5.0
Max.
5.5
Unit
V
Operating power supply voltage


Similar Part No. - BA7660FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7660FS ROHM-BA7660FS Datasheet
171Kb / 6P
3ch 75ohm driver
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
3ch 75ohm driver
More results

Similar Description - BA7660FS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56783AFP MITSUBISHI-M56783AFP Datasheet
430Kb / 13P
3 CHANNEL ACTUATOR DRIVER
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
3-channel Linear Driver
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
75??driver IC with 3 internal circuits
BA7623F ROHM-BA7623F Datasheet
68Kb / 6P
75??driver IC with 3 internal circuits
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
3-channel 75??driver with Y / C MIX
logo
Sanyo Semicon Device
LB8902M SANYO-LB8902M Datasheet
76Kb / 3P
3-Channel Clock Driver
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
3-CHANNEL 75 廓 LINE DRIVER
logo
Unisonic Technologies
M3366 UTC-M3366_11 Datasheet
202Kb / 6P
3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
3-INPUT VIDEO SWITCH WITH 75 DRIVER
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com