Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532KB Datasheet(PDF) 8 Page - Sames

Part # SA2532KB
Description  SINGLE CHIP TELEPHONE FOR INDIA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532KB Datasheet(HTML) 8 Page - Sames

Back Button SA2532KB Datasheet HTML 4Page - Sames SA2532KB Datasheet HTML 5Page - Sames SA2532KB Datasheet HTML 6Page - Sames SA2532KB Datasheet HTML 7Page - Sames SA2532KB Datasheet HTML 8Page - Sames SA2532KB Datasheet HTML 9Page - Sames SA2532KB Datasheet HTML 10Page - Sames SA2532KB Datasheet HTML 11Page - Sames SA2532KB Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SA2532KA/B
Typical Application
Only the components necessary for presenting the complete functions of the SA2532K are included.
KEYPAD
MODE_OUT
AGND
RI
STB
LS
LI
CS
DD
V
MO
SS
V
FC1
HS/DP
LLC
OSC
C1 C2
C3
C4
R1
R2
R3
R4
M2
M1
RO2
RO1
MUTE
SA2532K
DIALER
CLIP
SOFT
SENSE
CURRENT
LINE
Line Adaption
Power Extraction
DC Mask
GENERATOR
TONE
SEQUENCER
MELODY
RAM
OSC
LOGIC
CONTROL
DISCRIMINATION
FREQUENCY
RING
DD
V
+
+
+
+
+
MODE
La
Lb
680n
5M1
2K2
20
100K
12V
BSS92
220K
150K
1M
10
BC327
30
300
1u
6K
CI
10u
510
100K
1N4148
330K
10u
18V
12V
330K
220K
10n
5V1
470u
Ringer
1K
2K2
1K8
100u
1K8
10n
10n
3.58MHz
2N5551
BC547B
4 x 1N4004
On
Off
Off
On
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com