Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532KB Datasheet(PDF) 7 Page - Sames

Part # SA2532KB
Description  SINGLE CHIP TELEPHONE FOR INDIA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532KB Datasheet(HTML) 7 Page - Sames

Back Button SA2532KB Datasheet HTML 3Page - Sames SA2532KB Datasheet HTML 4Page - Sames SA2532KB Datasheet HTML 5Page - Sames SA2532KB Datasheet HTML 6Page - Sames SA2532KB Datasheet HTML 7Page - Sames SA2532KB Datasheet HTML 8Page - Sames SA2532KB Datasheet HTML 9Page - Sames SA2532KB Datasheet HTML 10Page - Sames SA2532KB Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SA2532KA/B
7 /21
sames
sames
sames
sames
Moving Cursor Procedure
To accommodate easy and uncomplicated redialling
(LNR) behind a PABX, a sliding cursor protocol is
implemented.
If new entries match the previous
RAM contents, pressing the LNR key will dial out
the remaining digits. If there is an error in matching,
the LNR will be inhibited until next on-hook, and the
RAM will contain the new number. In the case of
mixed mode LNR operation the redialling in the
SA2532KA is limited to the LD digits so as to
prevent unauthorised access to banking passwords
etc. The SA2532KB will dial out all digits (i.e. both
the pulse and the DTMF digits) during mixed mode
re-dialling.
DTMF Tones
The DTMF generator provides 7 frequencies,
namely:
Low group
Digit 1-2-3
697Hz
Digit 4-5-6
770Hz
Digit 7-8-9
852Hz
Digit *-0-#
941Hz
High group
Digit 1-4-7-*
1209Hz
Digit 2-5-8-0
1336 Hz
Digit 3-6-9-#
1477Hz
The MF output levels are -6/-8 dBm and the
preemphasis is 2.6dB.
Tone Ringer
The Tone Ringer of the SA2532K incorporates a
Discriminator Circuit and a three tone Melody
Generator.
When a Valid Ring Signal is detected the Melody
generator is activated and creates a ringing signal
comprising
3
frequencies
F1
(1065Hz),
F2
(1420Hz) and F3 (1734Hz).
These frequencies are repeated in a sequence of 6
time slots constructed by the frequencies
F1
F2
F3
F1
F2
F3
This sequence is repeated 7 times per second.
Ring Frequency Discrimination
The Ring Frequency Discriminator assures that
signals with a frequency between 13 Hz to 70 Hz
are regarded as valid ring signals. When a valid ring
signal is detected, the melody generator is activated
and remains active as long as the ring signal is
present. Once the melody generator has been
started, the ring signal is continuously monitored
and the melody generator is instantly turned on or
off according to the momentary presence of a valid
or invalid ring signal respectively (until next POR of
off-hook).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com