Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532KB Datasheet(PDF) 1 Page - Sames

Part # SA2532KB
Description  SINGLE CHIP TELEPHONE FOR INDIA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532KB Datasheet(HTML) 1 Page - Sames

  SA2532KB Datasheet HTML 1Page - Sames SA2532KB Datasheet HTML 2Page - Sames SA2532KB Datasheet HTML 3Page - Sames SA2532KB Datasheet HTML 4Page - Sames SA2532KB Datasheet HTML 5Page - Sames SA2532KB Datasheet HTML 6Page - Sames SA2532KB Datasheet HTML 7Page - Sames SA2532KB Datasheet HTML 8Page - Sames SA2532KB Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DAT_SH02
PDS039-SA2532K-001
Rev. C
20-03-00
sames
sames
sames
sames
Key Features
•
Speech Circuit, LD/MF Dialler and Tone Ringer
on one 28 pin CMOS chip
•
Low Noise
•
31 digit Last Number Redial
•
Line Loss Compensation selectable by pin
option
•
2 Timed Break Recall keys
•
Moving Cursor protocol with comparison
•
On chip MF filter (CEPT CS 203 compatible)
•
Pause key for auto pause or wait function
•
Power down mode
•
Ring frequency discrimination
•
Selectable Loop-Disconnect or DTMF dialling
modes
•
Real or complex impedance programmable
•
Soft Clipping to avoid harsh distortion
•
Uses inexpensive 3.58MHz ceramic resonator
•
Operating range from 13 to 100 mA
•
3 Tone melody generator
Block Diagram
General Description
The SA2532K is a CMOS integrated circuit that
contains all the functions needed to form a high
performance electronic telephone.
The device incorporates LD/MF repertory dialling,
melody generation, ring frequency discrimination
and a high quality speech circuit.
Soft switch into temporary MF mode using * when
LD mode is selected .Timed Break Recall will be
available in both LD and MF dialling modes.
A 31 digit Last Number Redial (LNR) memory, with
moving cursor protocol,
activated by single key
depression.
Line Loss Compensation whereby send and receive
gains are adjusted (by 6dB) over the ranges
selected by the LLC pin.
KEYPAD
MODE_OUT
AGND
RI
STB
LS
LI
CS
DD
V
MO
SS
V
FC1
HS/DP
LLC
OSC
C1 C2
C3
C4
R1
R2
R3
R4
M2
M1
RO2
RO1
MUTE
SA2532K
DIALER
CLIP
SOFT
SENSE
CURRENT
LINE
BJT
GENERATOR
TONE
SEQUENCER
MELODY
RAM
OSC
LOGIC
CONTROL
DISCRIMINATION
FREQUENCY
RING
DD
V
+
+
+
+
+
MODE
SA2532KA/B
SINGLE CHIP
TELEPHONE FOR INDIA


Similar Part No. - SA2532KB

ManufacturerPart #DatasheetDescription
logo
Sames
SA2532K SAMES-SA2532K Datasheet
623Kb / 27P
SINGLE CHIP TELEPHONE DEMO BOARD
More results

Similar Description - SA2532KB

ManufacturerPart #DatasheetDescription
logo
Sames
AN1500A SAMES-AN1500A Datasheet
623Kb / 27P
SINGLE CHIP TELEPHONE DEMO BOARD
SA2532 SAMES-SA2532 Datasheet
583Kb / 22P
VERSATILE SINGLE CHIP TELEPHONE
SA2532P SAMES-SA2532P Datasheet
149Kb / 21P
ONE MEMORY SINGLE CHIP TELEPHONE
SAN3020 SAMES-SAN3020 Datasheet
36Kb / 4P
SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
ams AG
AS2540 AMSCO-AS2540 Datasheet
248Kb / 18P
Remote Controlled Single-Chip-Telephone
logo
OKI electronic componet...
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
Single Chip MSK Modem with Compandor for Cordless Telephone
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
IC MICROSYSTEMS
ICM9102M ICMIC-ICM9102M Datasheet
339Kb / 3P
SINGLE CHIP TELEPHONE BOARD MODULE
logo
ams AG
AS2540 AMSCO-AS2540_04 Datasheet
934Kb / 19P
Remote Controlled Single-Chip-Telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com