Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532KB Datasheet(PDF) 20 Page - Sames

Part # SA2532KB
Description  SINGLE CHIP TELEPHONE FOR INDIA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532KB Datasheet(HTML) 20 Page - Sames

Back Button SA2532KB Datasheet HTML 13Page - Sames SA2532KB Datasheet HTML 14Page - Sames SA2532KB Datasheet HTML 15Page - Sames SA2532KB Datasheet HTML 16Page - Sames SA2532KB Datasheet HTML 17Page - Sames SA2532KB Datasheet HTML 18Page - Sames SA2532KB Datasheet HTML 19Page - Sames SA2532KB Datasheet HTML 20Page - Sames SA2532KB Datasheet HTML 21Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
SA2532KA/B
20 /21
sames
sames
sames
sames
Typical Characteristics of Line Loss Compensation
(f=800Hz, Zline=600Ohm, Vls=-10dBm)
Tx Gain
28
29
30
31
32
33
34
35
36
0
10
20
30
40
50
60
70
80
mA
dB
vss
vdd
open
Figure 6
Rx Gain
-5
-4
-3
-2
-1
0
1
2
3
0
10
20
30
40
50
60
70
80
mA
dB
vss
vdd
open
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com