Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA541 Datasheet(PDF) 1 Page - Sames

Part # SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA541 Datasheet(HTML) 1 Page - Sames

  SA541 Datasheet HTML 1Page - Sames SA541 Datasheet HTML 2Page - Sames SA541 Datasheet HTML 3Page - Sames SA541 Datasheet HTML 4Page - Sames SA541 Datasheet HTML 5Page - Sames SA541 Datasheet HTML 6Page - Sames SA541 Datasheet HTML 7Page - Sames SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
sames
SA541, SA54L1
FEATURES
s
Selectable Loop-Disconnect (Pulse)
or DTMF (Tone) dialling modes
s
32 Digit Last Number Redial (LNR)
s
Selectable Interdigit Pause (IDP)
500ms or 800ms
s
Operates with inexpensive single con-
tact keypad
s
On-chip Darlington transistor pair for
DTMF tone filtering
s
Low power CMOS technology enables
direct operation from Telephone line
s
Optional use of external capacitor for
oscillator
PULSE/DTMF SWITCHABLE DIALLERS
s
Keypad switchable Loop-Disconnect to
DTMF during a call
s
Selectable Break:Make Ratios 2:1 or
3:2
s
Uses inexpensive 560KHz ceramic
resonator
s
Earth Loop Recall and Timed Break
Recall (Timed Flash)
s
Low on-hook Supply Current options
SA5413 - 5µA @ 2.5V
SA5416 - 1µA @ 2.5V
SA5419 - 1µA @ 3.0V
s
Call, barring/locking feature available
on the SA54L1
PIN CONNECTIONS:
SA541
PIN CONNECTIONS:
SA54L1
M57-1529
PDS039-SA541-001
REV. B
02-09-94
1/16


Similar Part No. - SA541

ManufacturerPart #DatasheetDescription
logo
AUK corp
SA5411 AUK-SA5411 Datasheet
204Kb / 3P
LED Lamp
logo
KODENSHI_AUK CORP.
SA5411 KODENSHI-SA5411 Datasheet
252Kb / 3P
LAMP LED
logo
AUK corp
SA5411B AUK-SA5411B Datasheet
204Kb / 3P
LED Lamp
SA5411B AUK-SA5411B Datasheet
180Kb / 4P
LED Lamp
SA5411 AUK-SA5411_1 Datasheet
180Kb / 4P
LED Lamp
More results

Similar Description - SA541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3310 PHILIPS-PCD3310 Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3332-2 PHILIPS-PCD3332-2 Datasheet
154Kb / 32P
Multistandard pulse/tone repertory diallers/ringers
1997 Jan 13
logo
Sames
SA545 SAMES-SA545 Datasheet
329Kb / 18P
PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
SA589 SAMES-SA589 Datasheet
94Kb / 14P
LD/DTMF SWITCHABLE DIALLERS WITH DEDICATED KEYS FOR 20 MEMORIES
logo
Sanyo Semicon Device
LC7363J SANYO-LC7363J Datasheet
284Kb / 12P
DTMF/PULSE Switchable Dialer
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
DTMF/PULSE Switchable Dialer
LC7367J SANYO-LC7367J Datasheet
286Kb / 12P
DTMF/PULSE Switchable Dialer
LC7368J SANYO-LC7368J Datasheet
257Kb / 13P
Switchable DTMF/Pulse Dialer
LC73711N SANYO-LC73711N Datasheet
244Kb / 11P
Switchable DTMF/Pulse Dialer with Memory
logo
ELAN Microelectronics C...
EM91710 EMC-EM91710 Datasheet
159Kb / 19P
TONE/PULSE SWITCHABLE DIALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com