Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA541 Datasheet(PDF) 13 Page - Sames

Part # SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA541 Datasheet(HTML) 13 Page - Sames

Back Button SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames SA541 Datasheet HTML 10Page - Sames SA541 Datasheet HTML 11Page - Sames SA541 Datasheet HTML 12Page - Sames SA541 Datasheet HTML 13Page - Sames SA541 Datasheet HTML 14Page - Sames SA541 Datasheet HTML 15Page - Sames SA541 Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SA541
sames
13/16
Figure 5: LD Mode Timing Diagram
t
1
=
Pre-digit Pause (=t
5)
t
2
=
Break Period (60ms or 67ms)
t
3
=
Make Period (40ms or 33ms)
t
4
=
Post-digit Make (= t
3
)
t
5
=
Inter-digit Pause (800ms or 500ms)
Figure 6: Detailed Timing for IMP Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com