Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA541 Datasheet(PDF) 4 Page - Sames

Part # SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA541 Datasheet(HTML) 4 Page - Sames

  SA541 Datasheet HTML 1Page - Sames SA541 Datasheet HTML 2Page - Sames SA541 Datasheet HTML 3Page - Sames SA541 Datasheet HTML 4Page - Sames SA541 Datasheet HTML 5Page - Sames SA541 Datasheet HTML 6Page - Sames SA541 Datasheet HTML 7Page - Sames SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SA541
sames
4/16
FUNCTIONAL OVERVIEW
The SAMES SA54X1 is a family of keypad switchable Loop Disconnect (LD)/Dual Tone
multi-Frequency (DTMF) dialler devices for use in low-cost, dual dialling mode telephone
instruments.
The devices feature automatic storage of a single telephone number of up to 32 digits
for Last Number Redial (LNR) purposes. The low current consumption of the SA54X1
ensures memory retention while powered from the line.
Two modes of operation are available. The first is a LD/DTMF mode which operates
normally in LD mode, but can be switched temporarily via the keypad to DTMF mode
during a call. This mode is intended for applications such as home banking, credit-card
verification and other applications requiring low speed data communications.
The
second mode allows DTMF dialling only.
The Lock function will be described in the Functional Description.
The SA54X1 is pin compatible with SAMES' SA54X5 family of diallers.
Ordering Information
S A 5 4 X 1 X
Lock Option
L:
with (22 pin package)
Blank: without (20 pin package)
On-Hook Current Option
3
5µA @ 2.5V
6
1µA @ 2.5V
9
1µA @ 3V
4
1µA @ 3V (and TBR Period = 300 mSec)
Keypad
R1
R2
R3
R4
C1
C2
C3
Nominal frequency (Hz)
697
770
852
941
1209
1336
1477
Deviation from nominal (%)
-,07
-,10
+,19
-,15
-,17
-,20
-,22
There will be an additional error due to a deviation in the oscillator frequency from 560
kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com