Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA541 Datasheet(PDF) 6 Page - Sames

Part # SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA541 Datasheet(HTML) 6 Page - Sames

Back Button SA541 Datasheet HTML 2Page - Sames SA541 Datasheet HTML 3Page - Sames SA541 Datasheet HTML 4Page - Sames SA541 Datasheet HTML 5Page - Sames SA541 Datasheet HTML 6Page - Sames SA541 Datasheet HTML 7Page - Sames SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames SA541 Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SA541
sames
6/16
SA541
SA54L1
Designation
Description
10
10
V
DD
Positive Supply input
99
V
SS
Negative Supply input
4
4
OSC OUT
Connections for 560KHz ceramic resonator
5
5
OSC IN
12
14
MUTE
Active high output during keying, tone transmission and
MUTE key depression. (See Note 1)
3
3
MASK
Output to disable speech circuit during pulse dialling
and
recall. (See Note 2)
6
6
FILT IN
Unity gain amplifier input and output for DTMF tone
7
7
FILT OUT
filtering
11
13
MF OUT
DTMF output
1
1
IMP
'Loop disconnect' dialling output.
2
2
SELECT
LD/DTMF selection, IDP and B:M ratio programming
13
15
C1
Column output connections for 16 button single contact
14
16
C2
keypad
15
17
C
20
22
C4
16
18
R1
Row input connections for 16 button single contact
17
19
R2
keypad
18
20
R3
19
21
R4
8
8
HSW
Hookswitch input. A logic 1 (High) indicates an “off-
hook” condition
-
11
LOCK
Lock Input must be tied to V
SS to disable all keypad keys
(except TBR, LNR and MUTE). Normal operation is
enabled by connecting LOCK to V
DD.
-
12
N/C
No connection
Note 1: The MUTE output is provided to disable the microphone while maintaining the
loop condition during DTMF transmission.
Note 2: The MASK output may be used to disconnect the whole speech circuit in order
to mantain the break condition whilst on-hook, during a Timed Break Recall
(TBR) operation or LD dialling.
Table 1: Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com