Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8702 Datasheet(PDF) 1 Page - Sames

Part # SA8702
Description  BLOCK MODE TIME SLOT ALLOCATION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8702 Datasheet(HTML) 1 Page - Sames

  SA8702 Datasheet HTML 1Page - Sames SA8702 Datasheet HTML 2Page - Sames SA8702 Datasheet HTML 3Page - Sames SA8702 Datasheet HTML 4Page - Sames SA8702 Datasheet HTML 5Page - Sames SA8702 Datasheet HTML 6Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SA8702
sames
1
sames
SA8702
SA8702
02.02.93
BLOCK MODE TIME SLOT ALLOCATION CIRCUIT
Figure 1.
DESCRIPTION
The SA8702 (BMTSAC) is a Block Mode
Time Slot Allocation Circuit. The device is
used to generate 8 consecutive timeslots
in one of 4 blocks in a 32 time-slot PCM
system. Each timeslot pulse is 8 BLCK
cycles long.
BCLK is the 2,048 station
clock provided by the system. An active
MRST will disable all outputs until a valid
XSYNC input is recognised. The output
TSX is delayed by half a cycle and indicates
that one of 8 timeslots is currently active.
There are 4 possible modes of operation,
selectable by means of the BL0 and BL1
pins (See Table 1).
APPLICATIONS
s
PCM Switching Systems
s
PCM Transmission Systems
s
Subscriber Multiplex Equipment
s
PBX Systems
PIN CONNECTIONS
All inputs and outputs are C-MOS
compatible. All outputs are push-pull with
the exception of TSX which is open drain.
The inputs MRST and BCLK are Schmitt
Trigger. Inputs BL0 and BL1 have pull-ups.
(See figure 1).


Similar Part No. - SA8702

ManufacturerPart #DatasheetDescription
logo
Schutzinger GmbH
SA8713 SCHUTZINGER-SA8713 Datasheet
211Kb / 2P
Safety adapter
13.04.2026
logo
NiceRF Wireless Technol...
SA878 G-NICE-SA878 Datasheet
463Kb / 14P
2W EMBEDDED SMALL SIZE WALKIE TALKIE MODILE
2025-07
More results

Similar Description - SA8702

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3155 NSC-TP3155 Datasheet
208Kb / 10P
TP3155 Time Slot Assignment Circuit
logo
Samsung semiconductor
KT8555 SAMSUNG-KT8555 Datasheet
96Kb / 6P
TIME SLOT ASSIGNMENT CIRCUIT
S5T8555 SAMSUNG-S5T8555 Datasheet
85Kb / 10P
TIME SLOT ASSIGNMENT CIRCUIT
logo
List of Unclassifed Man...
LC4066B ETC-LC4066B Datasheet
120Kb / 2P
INTEGRATED CIRCUIT BLOCK DIAGRAM
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
RJH60V1BDPE RENESAS-RJH60V1BDPE Datasheet
108Kb / 10P
Short circuit withstand time (6s typ.)
logo
American Accurate Compo...
TIL81 AAC-TIL81 Datasheet
2Mb / 4P
SWITCHING TIME TEST CIRCUIT
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
Integrated on-time control circuit
logo
Motorola, Inc
MC145601 MOTOROLA-MC145601 Datasheet
45Kb / 1P
Time Slot interchange circuit
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
System Reset with Delay Time Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com