Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8702 Datasheet(PDF) 3 Page - Sames

Part # SA8702
Description  BLOCK MODE TIME SLOT ALLOCATION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8702 Datasheet(HTML) 3 Page - Sames

  SA8702 Datasheet HTML 1Page - Sames SA8702 Datasheet HTML 2Page - Sames SA8702 Datasheet HTML 3Page - Sames SA8702 Datasheet HTML 4Page - Sames SA8702 Datasheet HTML 5Page - Sames SA8702 Datasheet HTML 6Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SA8702
sames
3
AC Parameters
Symbol
Min.
Nom.
Max.
Unit
Conditions
XSYNC setup before
T
s
60
-
-
ns
4,75
≤ V
DD
BCLK goes low
≤ 5,25
Output propagation
T
pd
-
-
150
ns
4,75
≤ Vdd
delay from active clock
≤ 5,25
edge
XSYNC hold time from
T
h
50
-
-
ns
4,75
≤ V
DD
BCLK
≤ 5,25
Operating Conditions:
All voltages measured with respect to V
SS.
Inputs must never be left open.
DC Parameters
Symbol
Min.
Nom.
Max.
Unit Conditions
Supply Voltage
V
DD
4,75
5,00
5,25
V
-
* Input Low Voltage
V
IL
-
-
1,0
V
V
DD
= 5V
* Input High Voltage
V
IH
4,0
-
-
V
V
DD
= 5V
** Output Low Voltage
V
OL
-
-
0,5
V
V
DD
= 5V
I
ol
= 0,5mA
** Output High Voltage
V
OH
4,5
-
-
V
V
DD
= 5V
I
oh
= 0,5mA
Operating Frequency
-
2,048 2,273
MHz
4,75
≤ V
DD
≤ 5,25
Operating Temp. range
-10
25
70
°C
-
* All inputs are C-MOS level compatible. Pins 6 and 7 have internal pull-up
devices.
** All outputs are push-pull except pin 1 which is open drain.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com