Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8702 Datasheet(PDF) 2 Page - Sames

Part # SA8702
Description  BLOCK MODE TIME SLOT ALLOCATION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8702 Datasheet(HTML) 2 Page - Sames

  SA8702 Datasheet HTML 1Page - Sames SA8702 Datasheet HTML 2Page - Sames SA8702 Datasheet HTML 3Page - Sames SA8702 Datasheet HTML 4Page - Sames SA8702 Datasheet HTML 5Page - Sames SA8702 Datasheet HTML 6Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SA8702
sames
2
Table 1.
Input pulse XSYNC occurs periodically in every frame and is used to generate the
first of the eight timeslots and also defines the beginning of Block 0. If XSYNC fails
high then the outputs will be generated as they were before the failure occured.
Should XSYNC fail low then the outputs will be deactivated after completion of the
frame.
Maximum Ratings
All voltages measured with respect to V
SS.
Parameter
Symbol
Value
Units
Supply voltage
V
DD
+7,5
V
Positive voltage on any pin
V
HM
V
DD +0,3
V
Negative voltage on any pin
V
LM
V
SS -0,3
V
Maximum current through any pin
I
HM
±10
mA
Storage temperature
T
ST
-55 to +150
°C
Operating temperature
T
O
-10 to +70
°C
Stresses beyond these values may cause permanent damage to the device.
Exposure to
maximum rated conditions for extended periods may affect device reliability.
Operating Modes
BL1
BL0
Mode of Operation
0
0
Outputs active in timeslots 0 to 7
0
1
Outputs active in timeslots 8 to 15
1
0
Outputs active in timeslots 16 to 23
1
1
Outputs active in timeslots 24 to 31



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com