Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8702 Datasheet(PDF) 4 Page - Sames

Part # SA8702
Description  BLOCK MODE TIME SLOT ALLOCATION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8702 Datasheet(HTML) 4 Page - Sames

  SA8702 Datasheet HTML 1Page - Sames SA8702 Datasheet HTML 2Page - Sames SA8702 Datasheet HTML 3Page - Sames SA8702 Datasheet HTML 4Page - Sames SA8702 Datasheet HTML 5Page - Sames SA8702 Datasheet HTML 6Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA8702
sames
4
PIN DESCRIPTION
Pin No.
I/O
Name
Description
1
O
TSX
An open drain N-channel high impedance, but pulls
low during any active timeslot.
2
I
MRST
A Schmitt trigger input that asynchronously disables
all outputs.
3
O
FSO
A timeslot output which is normally low, and goes
active-high for 8 cycles of BCLK when a valid XSYNC
is made.
4
O
FS1
Similar to pin 3.
5
O
FS2
Similar to pin 3.
6
I
BL0
The input for the LSB of the 2 bit word which defines
the active block.
7
I
BL1
The input for the MSB of the 2 bit word which defines
the active block.
8
I
VSS
The OV ground connection to the device.
9
I
BCLK
The 2,048MHz station clock input.
10
I
XSYNC
The input pulse XSYNC used to generate the first of
the eight timeslots and also defines the beginning of
block 0.
11
O
FS7
Similar to pin 3.
12
O
FS6
Similar to pin 3.
13
O
FS5
Similar to pin 3.
14
O
FS4
Similar to pin 3.
15
O
FS3
Similar to pin 3.
16
I
VDD
The positive supply to the device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com