Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8806A Datasheet(PDF) 8 Page - Sames

Part # SA8806A
Description  64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8806A Datasheet(HTML) 8 Page - Sames

Back Button SA8806A Datasheet HTML 2Page - Sames SA8806A Datasheet HTML 3Page - Sames SA8806A Datasheet HTML 4Page - Sames SA8806A Datasheet HTML 5Page - Sames SA8806A Datasheet HTML 6Page - Sames SA8806A Datasheet HTML 7Page - Sames SA8806A Datasheet HTML 8Page - Sames SA8806A Datasheet HTML 9Page - Sames SA8806A Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SA8806A
8/10
sames
3.
LCD Character Mapping
The device has 16 address locations, A0 - A15 which correspond to VS[0] - VS[15].
Each location contains 4 bits, D[3] to D[0] which correspond to VR[3] - VR[0].
The mapping is detailed in the table below:
SEG
VS[0]
VS[1]
VS[2]
VS[3]
........
VS[12] VS[13] VS[14] VS[15]
VR[0]
0-0
1-0*
2-0
3-0
........
12-0
13-0
14-0
15-0
VR[1]
0-1
1-1
2-1
3-1
........
12-1
13-1
14-1
15-1
VR[2]
0-2
1-2
2-2
3-2
........
12-2
13-2
14-2
15-2
VR[3]
0-3
1-3
2-3
3-3
........
12-3
13-3
14-3
15-3
Note: A '1' switches the corresponding segment on.
* The address number and bit number of the byte is given, e.g. 1-0 is address 1 and
bit 0 (LSB).
4.
On-Chip LCD Voltage Divider Disable
The integrated divider for the LCD voltages can be disabled by applying a high level
on the EN input (EN = 1).
5.
Contrast Setting
The contrast may be adjusted in two ways:
An external resistor divider supplying the LCD voltage inputs VI1, VI1/3, VI2/3, with
the internal divider disabled as described in paragraph 4.
Applying an external LCD voltage on input V1, with the internal voltage divider
activated.
6.
Oscillator
The on-chip oscillator circuit requires one external capacitor for operation. The
capacitor value is calculated as follows:
C = 7µF.1Hz/f
f = Required oscillator frequency
The multiplex rate is 64 times lower than the clock frequency.
TYPICAL APPLICATION
The Application Circuit (Figure 1) shows the connections for a typical application utilising
an 8 digit (7 segment) display, plus decimal points.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com