Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8806A Datasheet(PDF) 1 Page - Sames

Part # SA8806A
Description  64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8806A Datasheet(HTML) 1 Page - Sames

  SA8806A Datasheet HTML 1Page - Sames SA8806A Datasheet HTML 2Page - Sames SA8806A Datasheet HTML 3Page - Sames SA8806A Datasheet HTML 4Page - Sames SA8806A Datasheet HTML 5Page - Sames SA8806A Datasheet HTML 6Page - Sames SA8806A Datasheet HTML 7Page - Sames SA8806A Datasheet HTML 8Page - Sames SA8806A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DESCRIPTION
sames
1/10
SA8806A
FEATURES
n
Drives up to 64 segments
n
Standard parallel interface
n
Operates over a wide temperature
range
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER
PARALLEL INTERFACE
PIN CONNECTIONS
4072
PDS039-SA8806-001
REV. D
12-09-1995
n
External contrast control
n
Low power CMOS
The SAMES SA8806A Liquid Crystal
Display (LCD) Driver is capable of driving
up to 64 LCD segments and is designed for
displays having 4 track multiplexed
backplanes.
The SA8806A includes an on-chip
oscillator. The device may be programmed
from a standard µP or µC Bus.
This LCD driver is ideal for any µ-Controller
based system requiring up to an 8 digit
LCD display.
The SA8806A integrated circuit is available
in both 40 pin dual-in-line plastic (DIP-40),
as well as 44 pin plastic leaded chip carrier
(PLCC-44) package types.
Package: DIP-40
EN
DR-00562
GND
VR[1]
VR[2]
VR[3]
VR[0]
RES
CLK
WR
RD
CS
AD[3]
AD[2]
AD[1]
AD[0]
V
D[3]
D[2]
D[1]
D[0]
DD
VS[11]
VS[13]
N.C
VS[14]
VS[15]
VS[12]
VS[9]
VS[10]
VS[5]
VS[6]
VS[7]
VS[8]
VS[2]
VS[3]
VS[4]
VS[1]
VI1
VI1/3
VI2/3
VS[0]


Similar Part No. - SA8806A

ManufacturerPart #DatasheetDescription
logo
Sames
SA8803 SAMES-SA8803 Datasheet
84Kb / 10P
LIGHT EMITTING DIODE DRIVER
SA8807A SAMES-SA8807A Datasheet
271Kb / 14P
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
SA8807AFA SAMES-SA8807AFA Datasheet
271Kb / 14P
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
SA8807APA SAMES-SA8807APA Datasheet
271Kb / 14P
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
More results

Similar Description - SA8806A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
logo
Sames
SA8807A SAMES-SA8807A Datasheet
271Kb / 14P
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
95Kb / 30P
(Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
logo
National Semiconductor ...
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
logo
STMicroelectronics
HCF4054B STMICROELECTRONICS-HCF4054B_02 Datasheet
293Kb / 11P
4 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER WITH STROBED LATCH FUNCTION
Sep-2002
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com