Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8806A Datasheet(PDF) 3 Page - Sames

Part # SA8806A
Description  64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8806A Datasheet(HTML) 3 Page - Sames

  SA8806A Datasheet HTML 1Page - Sames SA8806A Datasheet HTML 2Page - Sames SA8806A Datasheet HTML 3Page - Sames SA8806A Datasheet HTML 4Page - Sames SA8806A Datasheet HTML 5Page - Sames SA8806A Datasheet HTML 6Page - Sames SA8806A Datasheet HTML 7Page - Sames SA8806A Datasheet HTML 8Page - Sames SA8806A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SA8806A
sames
3/10
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-100
+100
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-25
+85
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other condition above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C#, V
DD = 5V, VSS = 0V unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max Unit
Condition
Supply Voltage
V
DD-VSS
4.5
5.0
5.5
V
Supply Current
I
DD
100
µA
LCD ON Voltages
V
ON
V
DD & VSS
V
LCD OFF Voltages
V
OFF
1/3V
DD & 2/3 VDD
V
#
Extended Operating Temperature Range available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com