Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8806A Datasheet(PDF) 7 Page - Sames

Part # SA8806A
Description  64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8806A Datasheet(HTML) 7 Page - Sames

Back Button SA8806A Datasheet HTML 2Page - Sames SA8806A Datasheet HTML 3Page - Sames SA8806A Datasheet HTML 4Page - Sames SA8806A Datasheet HTML 5Page - Sames SA8806A Datasheet HTML 6Page - Sames SA8806A Datasheet HTML 7Page - Sames SA8806A Datasheet HTML 8Page - Sames SA8806A Datasheet HTML 9Page - Sames SA8806A Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SA8806A
sames
7/10
The data in memory is constantly being displayed on the liquid crystal display. New
data is displayed as soon as it is latched into memory.
When a high level (+5V) on a backplane driver output corresponds with a low level
(0V) on a segment driver output (or vice versa), the LCD segment to which they are
connected, will be activated (see Diagram 3).
The backplane multiplex rate is determined by the clock frequency on the CLK input.
Diagram 3: LCD Driving Signals



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com