Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103C Datasheet(PDF) 8 Page - Sames

Part # SA9103C
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103C Datasheet(HTML) 8 Page - Sames

Back Button SA9103C Datasheet HTML 4Page - Sames SA9103C Datasheet HTML 5Page - Sames SA9103C Datasheet HTML 6Page - Sames SA9103C Datasheet HTML 7Page - Sames SA9103C Datasheet HTML 8Page - Sames SA9103C Datasheet HTML 9Page - Sames SA9103C Datasheet HTML 10Page - Sames SA9103C Datasheet HTML 11Page - Sames SA9103C Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SA9103C
sames
8/16
From the two bytes of data output by the device, the value for the register can
be derived as shown:
Register value =
(First Byte * 256) + Second Byte
The most significant bit of the 16 bit energy register (active or reactive) is an
indication of the direction of the energy flow (0 = positive, 1 = negative).
6.
Register Values
a.
The active and reactive energy measured per count, may be calculated by
applying the following formula:
Energy per Count
=
V * I
Watt seconds
K
Where
V
=
Rated Voltage
I
=
Rated Current
K
=
9281
for Active Energy
9281 * 2 for Reactive Energy
π
b.
The mains frequency may be calculated as follows:
Frequency
=
Crystal frequency
Register Value * 8
c.
To calculate the measured voltage, the following formula may be used:
Vmeasured =
V * n
14000 * t
Where
V
=
rated voltage
t
=
time difference between successive reads
n
=
difference in register values between
successive reads
The register access codes which can be written to the SA9103C via the serial
communications port are shown in the table below.
REGISTER
READ
RESET
READ-RESET
ACTIVE
$01
$02
$03
RE-ACTIVE
$81
$82
$83
VOLTAGE
$C1
$C2
$C3
FREQUENCY
$41
-
-
Data on SOUT
FIRST BYTE
DR-00835
8
9
10
11
12
13
14
15
SECOND BYTE
0
123
4
5
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com