Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103C Datasheet(PDF) 6 Page - Sames

Part # SA9103C
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103C Datasheet(HTML) 6 Page - Sames

Back Button SA9103C Datasheet HTML 2Page - Sames SA9103C Datasheet HTML 3Page - Sames SA9103C Datasheet HTML 4Page - Sames SA9103C Datasheet HTML 5Page - Sames SA9103C Datasheet HTML 6Page - Sames SA9103C Datasheet HTML 7Page - Sames SA9103C Datasheet HTML 8Page - Sames SA9103C Datasheet HTML 9Page - Sames SA9103C Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SA9103C
sames
6/16
3.
Electrostatic Discharge (ESD) Protection
The SA9103C integrated circuit's inputs/outputs are protected against ESD .
4.
Power Consumption
The power consumption rating of the SA9103C integrated circuit is less than 25mW.
5.
Serial Interface
Reading and resetting of the SA9103C's on-chip integrators, is performed via the
serial interface.
The settings are:
19 200 Baud
1 Start bit (S)
1 Stop bit (E)
No parity bits
The serial interface, with RS232 protocol, has been designed to operate directly with
a PC (Personal Computer).
The serial interface allows for the following operations:
Read Integrator (RD): The SA9103C integrated circuit transmits the integrator
status to the controller, after the current measurement cycle has been completed
(8 mains periods maximum).
The register containing the mains frequency information is read only.
Reset Integrator (RES): The SA9103C integrator is reset, without transmitting the
integrator status.
Read/Reset Integrator (RD/RES): The SA9103C transmits the integrator status
and resets the integrator after the current measurement cycle has been completed.
In a typical application, the system controller monitors the status of the SA9103C's
integrator using the "Read" command. At rated load conditions, the capacity of the
22 bit integrator allows for an integration time of 2 seconds prior to integrator
overflow.
If after a "Read" command, the integrator value is sufficently high, a "Read/Reset"
command from the controller causes the SA9103C integrated circuit to complete the
existing measurement cycle, transmit the 16 most significant bits of the 22 bit
integrator via the Serial Output (SOUT) to the controller and restart the integrator.
In order to ensure correct measurements, the integrator commands ("Read" and
"Read/Reset") are only executed after completion of the internal offset calibration
cycle. The cycle length is 8 mains periods.
Thus, for power calculations, the time value should be taken from the difference in
time from the previously received energy value to the currently received value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com