Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103C Datasheet(PDF) 1 Page - Sames

Part # SA9103C
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103C Datasheet(HTML) 1 Page - Sames

  SA9103C Datasheet HTML 1Page - Sames SA9103C Datasheet HTML 2Page - Sames SA9103C Datasheet HTML 3Page - Sames SA9103C Datasheet HTML 4Page - Sames SA9103C Datasheet HTML 5Page - Sames SA9103C Datasheet HTML 6Page - Sames SA9103C Datasheet HTML 7Page - Sames SA9103C Datasheet HTML 8Page - Sames SA9103C Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
sames
SA9103C
PDS039-SA9103C-001
REV. D
23-08-1996
FEATURES
n
Performs bidirectional active and
reactive power/energy, frequency and
voltage measurement
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
n
Protected against ESD
n
Total power consumption rating below
25mW
n
Adaptable to different current sensor
technologies
n
Operates over a wide temperature
range
n
Serial interface having a RS232 protocol
n
Precision voltage reference on-chip
n
Tri-state output to allow parallel
connection of devices
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH SERIAL INTERFACE
4259
Package: DIP-20
SOIC-20
1/16
DESCRIPTION
The SAMES SA9103C bidirectional Single
Phase Power/Energy metering integrated
circuit has a serial interface with a RS232
protocol, ideal for use with a µ-Controller.
The SA9103C performs the calculation for
active and reactive power.
The integrated values for active and
reactive energy as well as the mains
frequency and voltage information are
accessable through the RS232-Interface
as 16 bit values.
This innovative universal single phase
power/energy metering integrated circuit
is ideally suited for energy calculations in
applications such as electricity dispensing
systems (ED's), residential municipal
metering and factory energy metering and
control.
The SA9103C integrated circuit is available
in both 20 pin dual-in-line plastic (DIP-20),
as well as 20 pin small outline (SOIC-20)
package types.
PIN CONNECTIONS
DR-00829
TP9
V
OSC2
8
9
10
DD
CPON
CPOP
IIN
CPIN
CPIP
VREF
IIP
2
4
6
7
3
5
1
OSC1
SOUT
SIN
11
12
13
CIP
CIN
COP
CON
GND
19
14
15
16
17
18
20
IVP
V SS


Similar Part No. - SA9103C

ManufacturerPart #DatasheetDescription
logo
Sames
SA9103E SAMES-SA9103E Datasheet
125Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103EPA SAMES-SA9103EPA Datasheet
125Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103ESA SAMES-SA9103ESA Datasheet
125Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
More results

Similar Description - SA9103C

ManufacturerPart #DatasheetDescription
logo
Sames
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9103E SAMES-SA9103E Datasheet
125Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9603C SAMES-SA9603C Datasheet
214Kb / 18P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9604A SAMES-SA9604A Datasheet
106Kb / 20P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
logo
Analog Devices
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
logo
Integral Corp.
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
Active Energy Metering IC with Serial Interface
REV. 0
logo
Sames
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com