Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103C Datasheet(PDF) 11 Page - Sames

Part # SA9103C
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103C Datasheet(HTML) 11 Page - Sames

Back Button SA9103C Datasheet HTML 7Page - Sames SA9103C Datasheet HTML 8Page - Sames SA9103C Datasheet HTML 9Page - Sames SA9103C Datasheet HTML 10Page - Sames SA9103C Datasheet HTML 11Page - Sames SA9103C Datasheet HTML 12Page - Sames SA9103C Datasheet HTML 13Page - Sames SA9103C Datasheet HTML 14Page - Sames SA9103C Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SA9103C
sames
11/16
TYPICAL APPLICATIONS
In the Application Circuits (Figures 1 and 2), the components required for power metering
applications, are shown.
In Figure 1 a shunt resistor is used for current sensing. In this application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
In the case of Figure 2, when using a current transformer for current sensing, a +5V, 0V
DC supply is sufficient for the circuit.
The most important external components for the SA9103C integrated circuit are:
C
1 and C2 are the outer loop capacitors for the two integrated oversampling A/D
converters. The value of these capacitors is 560pF. The actual values determine the
signal to noise and stability performance. The tolerances should be within ±10%.
C
3 and C4 are the inner loop capacitors of the A/D converters. The optimum value is 3.3nF.
The actual values are uncritical. Values smaller than 0.5nF and larger than 5nF should
be avoided.
R
1, R2 and RSH are the resistors defining the current level into the current sense input.
The values should be selected for an input current of 16µA into the SA9103C at rated line
current.
Values for RSH of less than 200µ
Ω should be avoided.
R
1 = R2 = (IL/16µA) * RSH/2
Where
I
L
= Line current
RSH
= Shunt resistor/termination resistor
R
3, R6 and R4 set the current for the voltage sense input. The values should be selected
so that the input current into the voltage sense input (virtual ground) is set to 14µA.
R
7 defines all on-chip bias and reference currents. With R7 = 24kΩ, optimum conditions
are set.
XTAL is a colour burst TV crystal (f = 3.5795MHz) for the oscillator.
The oscillator
frequency is divided down to 1.7897MHz on-chip to supply the A/D converters and digital
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com