Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9109B Datasheet(PDF) 13 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 13 Page - Sames

Back Button SA9109B Datasheet HTML 9Page - Sames SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames SA9109B Datasheet HTML 12Page - Sames SA9109B Datasheet HTML 13Page - Sames SA9109B Datasheet HTML 14Page - Sames SA9109B Datasheet HTML 15Page - Sames SA9109B Datasheet HTML 16Page - Sames SA9109B Datasheet HTML 17Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SA9109B
sames
13/18
5.
Tariff Registers
A multiple tariff facility is provided on-chip by means of 4 tariff registers, which are
externally selectable via the SR[0] and SR[1] inputs. The registers may be selected
by programming the SR[0] and SR[1] inputs as follows:
SR[1]
SR[0]
Register
0
0
Register 1
0
1
Register 2
1
0
Register 3
1
1
Register 4
The 4 Tariff registers and Total register may be sequentially displayed by activating
the Push Button (PB). The minimum push button make time is 5ms. The contents
of the register selected for display is retained on the display for a period of 10
seconds, provided that the push button is not activated during this period. After the
10 seconds has elapsed, the display defaults to the "active" register defined by the
status of the SR[0] and SR[1] inputs.
The register selected for display via the push button (PB) is indicated by the
relevant announciators.
6.
Optical Interface
The SA9109B device contains an interface for automatic meter reading, according
to the IEC1107 Mode D standard. The IEC1107 Mode D is a single baud rate of
2400. For the optical interface protocol, the 4-bit words are converted to 8-bit words
(ASCII-format).
After initiation of a serial transmission by pulling PB (pin 34) low, the data format
transmitted on SDO is given below:
Code
Description
/
Start transmission
XXX
ID
3
Baud rate identification
YYYYYYYY
ID
<cr><lf><cr><lf>
Data header
0(nnnnnnnn)
Data of Reg. 1 (sign, 10e5, 10e4 ...10e0, 10e-1)
1(nnnnnnnn)
Data of Reg. 2
2(nnnnnnnn)
Data of Reg. 3
3(nnnnnnnn)
Data of Reg. 4
4(nnnnnnnn)
Data of Reg. 'Total' = Sum of registers 0 to 3
!<cr><lf><cr><lf>
End transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com