Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9109B Datasheet(PDF) 16 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 16 Page - Sames

Back Button SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames SA9109B Datasheet HTML 12Page - Sames SA9109B Datasheet HTML 13Page - Sames SA9109B Datasheet HTML 14Page - Sames SA9109B Datasheet HTML 15Page - Sames SA9109B Datasheet HTML 16Page - Sames SA9109B Datasheet HTML 17Page - Sames SA9109B Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SA9109B
16/18
sames
Parts List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
SA9109B
PLCC-44
2
XTAL
Crystal 3.5795 MHz
Colour burst TV
3
R1
Resistor, 1% metal
Note 1
4
R2
Resistor, 1% metal
Note 1
5
R3
Resistor, 390k, 1%, metal
Note 2
6
R4
Resistor, 1M, 1%, metal
Note 2
7
R6
Resistor, 24k, 1%, metal
Note 2
8
R7
Resistor, 24k, 1% metal
9
R8
Resistor, 2M, 1%, metal
10
R9
Resistor, 820
Ω, 1%, metal
11
R10
Resistor, 830
Ω, 1%, metal
12
R11
Resistor, 820
Ω, 1%, metal
13
R12
Resistor, 470
Ω
14
RSH
Shunt resistor
Note 3
15
C1
Capacitor, 560pF
16
C2
Capacitor, 560pF
17
C3
Capacitor, 3.3nF
18
C4
Capacitor, 3.3nF
19
C5
Capacitor, 1µF
20
C6
Capacitor, 100nF
21
C7
Capacitor, 820nF
Note 4
22
C9
Capacitor, 100nF
23
C10
Capacitor, 100nF
24
BAT
Battery (1.2V)
25
LED
Light emitting diode
26
D1
Diode, Shottkey
27
D2
Diode, 1N4148
28
PB
Push button
29
DIPSW
DIP switch, 2 poles
Note 1:
Resistor (R1 and R2) values are dependant upon the selected value of RSH.
Note 2:
Resistor (R3, R4 and R6) values are dependant upon the rated mains voltage
(230V in this case).
Note 3:
See TYPICAL APPLICATIONS when selecting the value of RSH.
Note 4:
Capacitor (C7) to be positioned as close as possible to V
DD & VSS of IC-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com