Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9109B Datasheet(PDF) 5 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 5 Page - Sames

  SA9109B Datasheet HTML 1Page - Sames SA9109B Datasheet HTML 2Page - Sames SA9109B Datasheet HTML 3Page - Sames SA9109B Datasheet HTML 4Page - Sames SA9109B Datasheet HTML 5Page - Sames SA9109B Datasheet HTML 6Page - Sames SA9109B Datasheet HTML 7Page - Sames SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SA9109B
sames
5/18
PIN DESCRIPTION (continued)
Pin
Designation
Type
Description
23
S[0]
Output
Liquid crystal display (LCD) segment drivers
24
S[1]
Output
25
S[2]
Output
26
S[3]
Output
27
S[4]
Output
28
S[5]
Output
29
S[6]
Output
30
S[7]
Output
31
S[8]
Output
32
S[9]
Output
33
S[10]
Output
34
S[11]
Output
35
S[12]
Output
36
S[13]
Output
22
COFF
Output
Connection for all unused LCD segments, to ensure
off status
7
CON
Analog
Connections for outer loop capacitor of A/D
6
COP
Analog
converter (Current)
5
CIN
Analog
Connections for inner loop capacitor of A/D
4
CIP
Analog
converter (Current)
16
CPIP
Analog
Connections for inner loop capacitor of A/D
15
CPIN
Analog
converter (Voltage)
14
CPOP
Analog
Connections for outer loop capacitor of A/D
13
CPON
Analog
converter (Voltage)
12
VREF
Analog
Connection for reference current setting resistor
39
SDO
Open drain Pulse rate output. Serial data output when PB is low
44
SR[0]
Input
Control for tariff register selection (on-chip pull-up)
1
SR[1]
Input
Control for tariff register selection (on-chip pull-up)
43
PB
Input
Push Button: Display select/start serial data
transmission on SDO (on-chip pull-up)
42
PGM
Input
Programming Mode. It is recommended that pin PGM be
connected to V
DD via a 470Ω resistor to guard against
transients or noise
41
PDTA
Input
Programming Data (on-chip pull-down)
40
PCLK
Input
Programming Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com