Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9109B Datasheet(PDF) 3 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 3 Page - Sames

  SA9109B Datasheet HTML 1Page - Sames SA9109B Datasheet HTML 2Page - Sames SA9109B Datasheet HTML 3Page - Sames SA9109B Datasheet HTML 4Page - Sames SA9109B Datasheet HTML 5Page - Sames SA9109B Datasheet HTML 6Page - Sames SA9109B Datasheet HTML 7Page - Sames SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SA9109B
sames
3/18
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-40
+85
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only. Functional operation of the
device at these or any other condition above those indicated in the operational
sections of this specification, is not implied. Exposure to Absolute Maximum Ratings
for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V
DD = 2.5V, VSS = -2.5V, over the temperature range -10°C to +70°C
#, unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Operating temperature
range #
T
o
-25
+85
°C
Supply Voltage: Positive
V
DD
2.25
2.75
V
Supply Voltage: Negative
V
SS
-2.75
-2.25
V
Supply Current: Positive
I
DD
710
mA
Supply Current: Negative
I
SS
710
mA
Current Sensor Inputs (Differential)
Input Current Range
I
II
-25
+25
µA
Voltage Sensor Inputs (Asymmetric)
Input current Range
I
IV
-25
+25
µA
LCD backplane Voltage
V
B
V
DD &
V
SS
V
R[0] ... R3]
LCD segment Voltage
V
S
1/3V
DD
V
S[0] ...S[15]
2/3V
DD
Pin SDO
Pulse rate
f
P
3.5
Hz
Default1
35
Hz
Programmed1
Pulse width
t
p
4.3
5.9
mS
Output Low Voltage
V
OL
V
SS+1
V
I
OL = 5mA
Output High Voltage
V
OH
V
DD-1
V
I
OH = -2mA
Oscillator
Recommended crystal:
TV colour burst crystal f = 3.5795 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com