Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9205 Datasheet(PDF) 1 Page - Sames

Part # SA9205
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9205 Datasheet(HTML) 1 Page - Sames

  SA9205 Datasheet HTML 1Page - Sames SA9205 Datasheet HTML 2Page - Sames SA9205 Datasheet HTML 3Page - Sames SA9205 Datasheet HTML 4Page - Sames SA9205 Datasheet HTML 5Page - Sames SA9205 Datasheet HTML 6Page - Sames SA9205 Datasheet HTML 7Page - Sames SA9205 Datasheet HTML 8Page - Sames SA9205 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
sames
SA9203/5
PDS039-SA9203/5-001
REV. A
20-08-96
FEATURES
n
Six (SA9203) or three (SA9205) 8-Bit
I/O Ports
n
Each bit of one port independently
programmable as input or output
n
Five (SA9203) or two (SA9205)
remaining ports can be individually
configured as input or output. (Direction
applicable to all 8 pins of each port.)
n
One 8-Bit port programmable as either
atched or transparent inputs
n
Supports byte-wide and bit-wide I/O
port addressing modes on all ports
n
Readback of all control and port
registers
n
Interfaces directly with multiplexed
address and data bus microprocessors/
microcontrollers
n
Internal address latch
n
Single +5V power supply
n
Low power CMOS
n
Completely static operation
n
TTL-level compatibility
4491
1/14
6/3 X 8 PORT EXPANDER
DESCRIPTION
The SAMES SA9203/5 Port Expander is a
CMOS device suited to
microprocessor
based applications requiring input/output
port expansion. The device interfaces very
simply to any microcontroller/micro-
processor with a multiplexed address/data
bus structure.
The SA9203 includes 8 independently
programmable I/O pins for Port A and Port
B to F (5 ports) independently programmable
as I/O. It is packaged in a PCB efficient 68
pin PLCC package. The SA9205 includes
8 independently programmable I/O pins for
Port A with Port B and Port C as indepen-
dently programmable I/O, packaged in a
cost effective 44 pin PLCC package.
FIGURE 1: PIN CONNECTION FOR
SA9203
2
SA9203
35
0
19
28
DR-01266
1
4
5
7
PB
PB
PB
PB
2
PB
3
PB
6
PB
27
20
21
22
23
24
26
25
31
33 34
29 30
32
9
PA
1
2
3
5
6
4
0
PA
PA
PA
PA
PA
PA
V
7
PA
PB
17
11
10
12
13
14
15
16
18
DD
87
6
5
43
PE 6
50
41 42
40
36 37 38 39
PE
PE
PE
PE
5
2
3
4
PE
PE 0
1
43
46
45
44
47
48
49
63
1
666564
67
68
PF
PF
PF
3
4
5
PF
PF 0
2
1
PF
PF 6
PE 7
V DD
53
57
58
56
55
54
59
52
51
PF 7
61
62
60


Similar Part No. - SA9205

ManufacturerPart #DatasheetDescription
logo
Schutzinger GmbH
SA9225 SCHUTZINGER-SA9225 Datasheet
183Kb / 2P
Safety adapter
13.04.2026
logo
Savitech Corp.
SA9226 SAVITECH-SA9226 Datasheet
501Kb / 28P
USB Audio Streaming Controller
SA9227 SAVITECH-SA9227 Datasheet
556Kb / 28P
USB Audio Streaming Controller
logo
Silan Microelectronics ...
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
SA9259 SILAN-SA9259 Datasheet
216Kb / 10P
5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
More results

Similar Description - SA9205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
INPUT/OUTPUT PORT EXPANDER
logo
Xicor Inc.
X68C75 XICOR-X68C75 Datasheet
123Kb / 26P
Port Expander and E2 Memory
X88C75 XICOR-X88C75 Datasheet
125Kb / 27P
Port Expander and E2 Memory
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
02-Jul-2007
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
12-Mar-2010
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com