Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9205 Datasheet(PDF) 6 Page - Sames

Part # SA9205
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9205 Datasheet(HTML) 6 Page - Sames

Back Button SA9205 Datasheet HTML 2Page - Sames SA9205 Datasheet HTML 3Page - Sames SA9205 Datasheet HTML 4Page - Sames SA9205 Datasheet HTML 5Page - Sames SA9205 Datasheet HTML 6Page - Sames SA9205 Datasheet HTML 7Page - Sames SA9205 Datasheet HTML 8Page - Sames SA9205 Datasheet HTML 9Page - Sames SA9205 Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SA9203/5
sames
6/14
Pin
Type Designation
Description
2,35
VDD
+5V Supply Input
1,23
VSS
0V ground Reference
40..44
I/O
AD0..AD7
3-state address/data lines that interface with the CPU
lower 8-bit address/data bus. The 8-bit address is
latched into the SA9203 internal address latch on the
falling edge of ALE.
The 8-bit data is respectively
written into and read out of the SA9203 on WR and RD
signals.
5
N/C
Not connected.
6
I
CS
Active low input signal used to select the device.
7
I
ALE
This control signal latches the address on the AD0..7
lines on the falling edge of ALE.
8
I
RD
Input low on this line enables the data bus buffers.
9
I
WR
Input low on this line causes the data on the address/
data bus to be written to the I/O ports and, control
registers.
10
O
INT
If enabled via A.6, this output will be set (active edge
polarity programmed by D6 and output polarity
programmed via D7 of the Port B-F direction control
register) after data has been latched into PORT A.
11
I
RST
Input low on this line resets the chip and all internal
registers and all ports to input mode (The register
contents after a reset pulse will be described later).
13
I
STB
Input data on PORT A pins will be latched when STB is
active and transparent otherwise (polarity programmed
by D5 of the Port B-F direction control register)
14..21
I/O
PA0..PA7
8 general purpose I/O pins comprising PORT A. This
port supports individual input or latched output
configuration of each pin .
In addition,each pin of
PORT A selected as an input can be programmed to be
latched or transparent.
22,
I/O
PB0..PB7
8 general purpose I/O pins comprising PORT B. All 8
24.30
pins are programmed to be either latched outputs or
transparent inputs.
31..39
I/O
PC0..PC7
Identical to PORT B
PIN DESCRIPTION for SA9205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com