Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9205 Datasheet(PDF) 4 Page - Sames

Part # SA9205
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9205 Datasheet(HTML) 4 Page - Sames

  SA9205 Datasheet HTML 1Page - Sames SA9205 Datasheet HTML 2Page - Sames SA9205 Datasheet HTML 3Page - Sames SA9205 Datasheet HTML 4Page - Sames SA9205 Datasheet HTML 5Page - Sames SA9205 Datasheet HTML 6Page - Sames SA9205 Datasheet HTML 7Page - Sames SA9205 Datasheet HTML 8Page - Sames SA9205 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA9203/5
sames
4/14
ELECTRICAL CHARACTERISTICS
(All measurements with respect to VSS, at 25°C, unless otherwise specified)
Parameters
Symbol
Min
Typ Max
Unit
Condition
Supply Voltage
V
DD
4.75
5.0 5.25
V
Static Current
I
DDS
15
50
µA
VDD = 5.0V
(See Note1)
Dynamic Current
I
DDD
20
mA
VDD = 5.0V
Input High Voltage
V
IH
2.0
V
VDD = 5.0V
Input Low Voltage
V
IL
1.0
V
VDD = 5.0V
Output High Voltage
V
OH
4.5
4.7
V
VDD = 5.0V
I
OH = 5mA
Output Low Voltage
V
OL
0.25 0.5
V
VDD = 5.0V
I
OH = 5mA
Input Leakage Current
I
IN
<1.0 3.0
µA
VDD = 5.0V
Tristate Leakage Current
I
TL
<1.0 3.0
µA
VDD = 5.0V
Note 1:
All inputs tied to VDD or VSS with outputs not loaded.
Measurements made after RST applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com