Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9205 Datasheet(PDF) 10 Page - Sames

Part # SA9205
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9205 Datasheet(HTML) 10 Page - Sames

Back Button SA9205 Datasheet HTML 6Page - Sames SA9205 Datasheet HTML 7Page - Sames SA9205 Datasheet HTML 8Page - Sames SA9205 Datasheet HTML 9Page - Sames SA9205 Datasheet HTML 10Page - Sames SA9205 Datasheet HTML 11Page - Sames SA9205 Datasheet HTML 12Page - Sames SA9205 Datasheet HTML 13Page - Sames SA9205 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SA9203/5
sames
10/14
INT
This active high output (default after reset) operates as follows:
When disabled (via A6), INT remains reset. On either the rising or trailing edge of STB
(programmable via D6 of Port B-F direction control register), INT is set. INT remains
set until Port A (or any bit of PORT A if in bit- addressing mode) is read by the
microprocessor at which point INT is reset, remaining so until the next active edge of
STB. (See figure 14 for timing diagram). The output polarity of INT is programmed via
D7 of the Port B- F dirction control register (See Figure 11).
RST
This active low reset signal resets the contents of all registers to zero. Sets all ports to
input mode and the bi-directional data/address bus to input. A valid RST signal is
specified as an active low pulse of 100ns minimum duration.
CS
The active low CS signal is internally latched by the trailing edge of ALE.
TIMING DIAGRAMS
FIGURE 12: µP Read Waveforms
RDE
t
t
t
RD
DR-01270
LL
LC
t
ALE
CS
AD -8/A
AL
t
08
LA
t
AD
t
ADDRESS
RDF
t
t RD
t CC
LD
RV
t
CL
t
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com