Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604ASA Datasheet(PDF) 1 Page - Sames

Part # SA9604ASA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604ASA Datasheet(HTML) 1 Page - Sames

  SA9604ASA Datasheet HTML 1Page - Sames SA9604ASA Datasheet HTML 2Page - Sames SA9604ASA Datasheet HTML 3Page - Sames SA9604ASA Datasheet HTML 4Page - Sames SA9604ASA Datasheet HTML 5Page - Sames SA9604ASA Datasheet HTML 6Page - Sames SA9604ASA Datasheet HTML 7Page - Sames SA9604ASA Datasheet HTML 8Page - Sames SA9604ASA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
sames
SA9604A
PDS039-SA9604A-001
REV. 5
29-05-00
FEATURES
s
Performs bidirectional active and
reactive power/energy measurement
s
Voltage and frequency measurement
s
Individual
phase
information
accessable
s
SPI communication bus
s
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
s
Protected against ESD
s
Uses current transformers for current
sensing
s
Excellent long term stability
s
Operates over a wide temperature
range
s
Precision Voltage Reference on-chip
THREE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH SERIAL SPI INTERFACE
SA9604A
1/20
PIN CONNECTIONS
DESCRIPTION
The SAMES SA9604A Bidirectional Three
Phase Power/Energy metering integrated
circuit has a serial interface, ideal for use
with a µ-Controller. The SA9604A performs
the calculation for active and reactive power
or energy, mains voltage sense and
frequency.
The measurements performed and the
resultant register values are provided for
individual phases.
The integrated values for active and reactive
energy, as well as the mains voltage sense
and frequency information, are accessable
through the SPI as 24 bit values.
This innovative universal three phase power/
energy metering integrated circuit is ideally
suited for energy calculations in applications
such as primary industrial metering and
factory energy metering and control.
The SA9604A integrated circuit is available
in both 20 pin dual-in-line plastic (DIP-20),
as well as 20 pin small outline (SOIC-20)
package types.
Package: DIP-20
SOIC-20
DD
O SC1
F150
SCK
D0
DR-01306
7
8
9
10
IIP 2
IIN 2
IVP3
IIP 3
IIN 3
V
1
2
6
4
5
3
OSC2
SS
V
14
CS
DI
13
12
11
VREF
IVP2
IVP1
20
GND
IIN 1
IIP 1
19
18
17
16
15


Similar Part No. - SA9604ASA

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602 SAMES-SA9602 Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602 SAMES-SA9602 Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602EPA SAMES-SA9602EPA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9604ASA

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103E SAMES-SA9103E Datasheet
125Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9603C SAMES-SA9603C Datasheet
214Kb / 18P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Sames
SA9904A SAMES-SA9904A Datasheet
160Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
Active Energy Metering IC with Serial Interface
REV. 0
logo
Sames
SA9904B SAMES-SA9904B Datasheet
279Kb / 12P
Three Phase Power Energy IC with SPI
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com