Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604ASA Datasheet(PDF) 17 Page - Sames

Part # SA9604ASA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604ASA Datasheet(HTML) 17 Page - Sames

Back Button SA9604ASA Datasheet HTML 12Page - Sames SA9604ASA Datasheet HTML 13Page - Sames SA9604ASA Datasheet HTML 14Page - Sames SA9604ASA Datasheet HTML 15Page - Sames SA9604ASA Datasheet HTML 16Page - Sames SA9604ASA Datasheet HTML 17Page - Sames SA9604ASA Datasheet HTML 18Page - Sames SA9604ASA Datasheet HTML 19Page - Sames SA9604ASA Datasheet HTML 20Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SA9604A
sames
17/20
13
R8
Resistor
Note 1
14
R9
Resistor
Note 1
15
R10
Resistor
Note 1
16
R11
Resistor
Note 1
17
R12
Resistor
Note 1
18
R13
Resistor
Note 1
19
R14
Resistor, 47k, 1%, ¼W
20
R15
Resistor, 1M, 1%, ¼W
21
R16
Resistor, 1M, 1%, ¼W
22
R17
Resistor, 1M, 1%, ¼W
23
R18
Resistor
Note 1
24
R19
Resistor
Note 1
25
R20
Resistor
Note 1
26
R21
Resistor, 820
Ω, 1%, ¼W
27
C1
Capacitor, electrolytic, 1µF, 6V
Note 2
28
C2
Capacitor, electrolytic, 1µF, 6V
Note 2
29
C3
Capacitor, electrolytic, 1µF, 6V
Note 2
30
C12
Capacitor, 820nF
Note 3
31
C13
Capacitor, 100nF
32
C14
Capacitor, 100nF
Parts List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
Integrated circuit, SA9604A
DIP-20, SOIC-20
2
XTAL
Crystal, 3.5795 MHz
Colour burst TV
3
R1
Resistor, 200k, 1%, ¼W
4
R1A
Resistor, 180k, 1%, ¼W
5
R2
Resistor, 200k, 1%, ¼W
6
R2A
Resistor, 200k, 1%, ¼W
7
R3
Resistor, 200k, 1% , ¼W
8
R3A
Resistor, 180k, 1%, ¼W
9
R4
Resistor, 24k, 1%, ¼W
10
R5
Resistor, 24k, 1%, ¼W
11
R6
Resistor, 24k, 1%, ¼W
12
R7
Resistor, 820
Ω, 1%, ¼W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com